Electronic Components Datasheet Search
  English  ▼

X  

BAS16W Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAS16W
Description  SILICON EXPITAXIAL PLANAR SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAS16W Datasheet(HTML) 1 Page - Continental Device India Limited

  BAS16W Datasheet HTML 1Page - Continental Device India Limited BAS16W Datasheet HTML 2Page - Continental Device India Limited BAS16W Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EXPITAXIAL PLANAR SWITCHING DIODE
BAS16W
SOT-323
PLASTIC PACKAGE
Marking
BAS16W = A6
High Switching Diode
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Continuous Reverse Voltage
VR
V
Repetitive Peak Reverse Voltage
VRRM
V
Forward Current (Continuous)
*IF
mA
Repetitive Peak Forward Voltage
IFRM
mA
Non Repetitive Peak Forward Current,
square wave Tj=25ºC prior to surge
t=1
µµs
IFSM
A
t=1ms
IFSM
A
t=1s
IFSM
A
Power Dissipation at Tamb=25ºC
*Ptot
mW
Junction Temperature
Tj
oC
Storage Temperature Range
Tstg
oC
THERMAL RESISTANCE
Junction to tie point
Rth (j-tp)
K/W
Junction to Ambient in free air
*Rth (j-a)
K/W
*Device mounted on an FR4 printed circuit board
ELECTRICAL CHARACTERISTICS (Tj=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=1mA
0.715
V
IF=10mA
0.855
V
IF=50mA
1.0
V
IF=150mA
1.25
V
Reverse Voltage Leakage Current
IR
VR=25V
30
nA
VR=75V
1.0
µA
VR=25V, Tj=150ºC
30
µA
VR=75V, Tj=150ºC
50
µA
Diode Capacitance
Cd
VR=0V, f=1MHz
2.0
pF
Reverse Recovery Time When Switched
from
trr
IF=10mA to
IR=60mA, RL100 Ω,
Measured at IR=1mA
4.0
ns
Forward Recovery Voltage
Vfr
when switched from
IF=10mA to tr=20ns
1.75
V
BAS16W Rev090206E
150
625
500
300
VALUE
75
85
- 65 to +150
0.5
175
200
4.0
1.0
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAS16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16W PANJIT-BAS16W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16W PHILIPS-BAS16W Datasheet
57Kb / 12P
High-speed diode
1999 May 06
logo
Won-Top Electronics
BAS16W WTE-BAS16W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
Silicon Switching Diode (For high speed switching applications)
logo
Diodes Incorporated
BAS16W DIODES-BAS16W Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30094 Rev. 12 - 2
More results

Similar Description - BAS16W

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
LS4148 SEMTECH-LS4148 Datasheet
99Kb / 2P
Silicon Expitaxial Planar Diode?
RLS245 SEMTECH-RLS245 Datasheet
62Kb / 1P
Silicon Expitaxial Planar Diode?
logo
SEMTECH ELECTRONICS LTD...
MPSA92 SEMTECH_ELEC-MPSA92 Datasheet
193Kb / 3P
PNP Silicon Expitaxial Planar Transistor
logo
Continental Device Indi...
2N4037 CDIL-2N4037 Datasheet
203Kb / 3P
PNP SILICON PLANAR EXPITAXIAL TRANSISTOR.
BC303 CDIL-BC303 Datasheet
133Kb / 3P
PNP EXPITAXIAL PLANAR SILICON TRANSISTORS
BAS16WS CDIL-BAS16WS Datasheet
192Kb / 3P
SILICON EXPITAXIAL PLANAR SWITCHING DIODE
logo
Dongguan Pingjingsemi T...
MPSA92SQ PJSEMI-MPSA92SQ Datasheet
1Mb / 3P
PNP Silicon Expitaxial Planar Transistor
MPSA94SQ PJSEMI-MPSA94SQ Datasheet
461Kb / 4P
PNP Silicon Expitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com