Electronic Components Datasheet Search
  English  ▼

X  

C5198 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # C5198
Description  POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

C5198 Datasheet(HTML) 1 Page - Continental Device India Limited

  C5198 Datasheet HTML 1Page - Continental Device India Limited C5198 Datasheet HTML 2Page - Continental Device India Limited C5198 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER TRANSISTORS
A1941 (9TW) PNP
C5198 (9TW) NPN
TO- 3PN Non Isolated
Plastic Package
Power Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current
IC
Base Current
IB
Total Power Dissipation up to Tc=25ºC
Ptot
Junction Temperature
Tj
Storage Temperature
Tstg
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB=160V, IE=0
5.0
µΑ
Emitter Cut Off Current
IEBO
VEB =5V, IC =0
5.0
µΑ
Collector Emitter Voltage
VCEO
IC=1mA, IB =0
160
V
Collector Emitter Saturation Voltage
VCE (sat)
IC=7A, IB =0.7A
2.0
V
Base Emitter On Voltage
VBE (on)
IC=5A, VCE=5V
1.5
V
DC Current Gain
hFE
*IC=1A, VCE=5V
55
200
IC=5A, VCE=5V
35
Collector Output Capacitance
Cob
IE=0, VCB=10V ,f=1MHz
A1941
480
pF
C5198
220
Transition Frequency
fT
IC=1A, VCE=5V
30
MHz
* hFE Classification
Marking
A1941_C5198_9TWRev_2 250706E
- 55 to +150
UNIT
V
V
V
A
A
W
ºC
ºC
160
VALUE
160
5.0
10
1
100
150
O : 80 - 200
CDIL
A1941
O
CDIL
C5198
O
R :
55 - 110
CDIL
CDIL
A1941
C5198
R
R
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - C5198

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
C5198 TOSHIBA-C5198 Datasheet
155Kb / 4P
Power Amplifier Applications
C5198 TOSHIBA-C5198 Datasheet
155Kb / 4P
Silicon NPN Triple Diffused Type
2013-11-01
More results

Similar Description - C5198

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS
1995
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
POWER TRANSISTORS
1995
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
POWER TRANSISTORS
REV 3
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
RF POWER TRANSISTORS RF POWER TRANSISTORS
Nov-1999
TIP31C STMICROELECTRONICS-TIP31C_06 Datasheet
136Kb / 10P
Power transistors
20-Apr-2006
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
Power Transistors
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
Power Transistors
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com