Electronic Components Datasheet Search
  English  ▼

X  

1N4148 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 1N4148
Description  HIGH SPEED SILICON SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4148 Datasheet(HTML) 1 Page - Continental Device India Limited

  1N4148 Datasheet HTML 1Page - Continental Device India Limited 1N4148 Datasheet HTML 2Page - Continental Device India Limited 1N4148 Datasheet HTML 3Page - Continental Device India Limited 1N4148 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH SPEED SILICON SWITCHING DIODE
1N4148, 1N4448
DO- 35
Glass Axial Package
General purpose ,Industrial, Military and space applications. Hermetically sealed glass with a stud
on either side of the glass passivated chip provides excellent stability. Extremely low leakage &
very high reliability
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Continuous Reverse Voltage
VR
V
Average Forward Current
IF (AV)
mA
Forward Current (DC)
IF
mA
Repetitive Peak Forward Current
IFRM
mA
tp= 1
µµs
IFSM
mA
tp= 1sec
IFSM
mA
Power Dissipation
PTA
mW
Derating Factor
mW/ ºC
Tj, Tstg
- 65 to +200
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
Forward Voltage
VF
0.62
0.72
V
1.0
V
1.0
V
Reverse Current
IR
25
nA
5.0
µA
50
µA
100
µA
Reverse Breakdown Voltage
VBR
100
V
75
V
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
4.0
pF
Forward Recovery Voltage
Vfr
2.5
V
Reverse Recovery Time
trr
4.0
ns
150
IF=10mA
1N4148
IF=100mA
1N4448
VR=75V
IR=100µA
When Switched from IF=50mA,
tr=20ns
IF=10mA, to IR=60mA,
RL=100 Ω Measured at IR=1mA
IR=5µA
IF=5mA
1N4448
VR=20V
VR=20V, Tj=150ºC
VR=75V, Tj=150ºC
500
2.85
TEST CONDITION
Operating and Storage Junction Temperature
Range
Non Repetitive Peak Surge Current
VALUE
100
75
200
450
2000
500
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
High-speed diodes
1999 May 25
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148 ZOWIE-1N4148 Datasheet
40Kb / 2P
SMALL-SIGNAL DIODE
logo
Rectron Semiconductor
1N4148 RECTRON-1N4148 Datasheet
11Kb / 1P
SIGNAL DIODE
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
logo
Siemens Semiconductor G...
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
Silicon Switching Diode (For high-speed switching)
logo
List of Unclassifed Man...
CD4531 ETC-CD4531 Datasheet
145Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
1N4150 CDIL-1N4150 Datasheet
223Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
1N914 CDIL-1N914 Datasheet
227Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
logo
Central Semiconductor C...
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
CMSD4448 CENTRAL-CMSD4448_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com