Electronic Components Datasheet Search
  English  ▼

X  

MF-USMF005 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-USMF005
Description  Fast tripping resettable circuit protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USMF005 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-USMF005 Datasheet HTML 1Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 2Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 3Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■ Fast tripping resettable circuit protection
■ Surface mount packaging for automated
assembly
■ Small footprint size (1210)
■ RoHS compliant* and halogen free**
■ Agency recognition*
Applications
■ Game consoles
■ PC motherboards
■ USB port protection - USB 2.0, 3.0 & OTG
■ HDMI 1.4 Source protection
■ IEEE 1394 ports
■ Mobile phones
■ Digital cameras
MF-USMF Series - PTC Resettable Fuses
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State .................................................... 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±5 % typical resistance change
Humidity Aging...................................................... +85 °C, 85 % R.H. 1000 hours ............................. ±5 % typical resistance change
Thermal Shock ..................................................... +85 °C to -40 °C, 20 times.................................... ±10 % typical resistance change
Solvent Resistance............................................... MIL-STD-202, Method 215 ................................... No change
Vibration ............................................................... MIL-STD-883C, Method 2007.1,........................... No change
Condition A
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
Typ.
MF-USMF005
30
10
0.05
0.15
2.800
50.000
0.25
1.50
0.6
MF-USMF010
30
10
0.10
0.30
0.800
15.000
0.50
0.60
0.6
MF-USMF020
30
10
0.20
0.40
0.400
5.000
8.00
0.02
0.6
MF-USMF035
6
40
0.35
0.75
0.200
1.300
8.00
0.20
0.6
MF-USMF050
13.2
40
0.50
1.00
0.180
0.900
8.00
0.10
0.6
MF-USMF075
6
40
0.75
1.50
0.070
0.450
8.00
0.10
0.6
MF-USMF110
6
40
1.10
2.20
0.050
0.210
5.00
1.00
0.6
MF-USMF150
6
40
1.50
3.00
0.030
0.110
5.00
5.00
0.6
MF-USMF175X***
6
40
1.75
3.50
0.020
0.090
8.00
1.00
0.7
*** CSA approval pending.
Test Procedures And Requirements For Model MF-USMF Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................... Verify dimensions and materials ........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C ................................................. Rmin
≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C......................... T
≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold ..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance ..................................................... Vmax, 48 hours..................................................... No arcing or burning
Solderability .......................................................... ANSI/J-STD-002 ................................................... 95 % min. coverage
UL File Number .................................................... E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
CSA File Number.................................................. CA110338
http://directories.csa-international.org/ Under “Certification Record” and “File Number”
enter 110338-0-000
TÜV Certificate Number ....................................... R 02057213
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213


Similar Part No. - MF-USMF005

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMF005 BOURNS-MF-USMF005 Datasheet
298Kb / 4P
MF-USMF Series - PTC Resettable Fuses
MF-USMF005 BOURNS-MF-USMF005 Datasheet
314Kb / 4P
MF-USMF Series - PTC Resettable Fuses PC motherboards Digital cameras
MF-USMF005 BOURNS-MF-USMF005 Datasheet
380Kb / 4P
MF-USMF Series - PTC Resettable Fuses
MF-USMF005 BOURNS-MF-USMF005 Datasheet
380Kb / 4P
MF-USMF Series - PTC Resettable Fuses
MF-USMF005 BOURNS-MF-USMF005 Datasheet
380Kb / 4P
PTC Resettable Fuses
More results

Similar Description - MF-USMF005

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
logo
Shanghai Leiditech Elec...
NSM016 LEIDITECH-NSM016 Datasheet
492Kb / 1P
Fast tripping resettable circuit protection
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
493Kb / 1P
Fast tripping resettable circuit protection
SM150 LEIDITECH-SM150 Datasheet
111Kb / 1P
Fast tripping resettable circuit protection
SMD2920P300TF24 LEIDITECH-SMD2920P300TF24 Datasheet
448Kb / 2P
Fast tripping resettable circuit protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com