Electronic Components Datasheet Search
  English  ▼

X  

MGA-61563 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-61563
Description  Current-Adjustable, Low Noise Amplifi er
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-61563 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-61563 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-61563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
MGA-61563 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
d
Device Voltage (pin 6)[2]
V
6
I
d
Device Current (pin 6)[2]
mA
100
P
in
CW RF Input Power (pin 3)[3]
dBm
18
I
ref
Bias Reference Current (pin 4)
mA
10
P
diss
Total Power Dissipation[4]
mW
500
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150

ch_b
Thermal Resistance[5]
°C/W
115
Notes:
1. Operation of this device in excess of any one of these parameters may cause permanent damage.
2. Assumes DC quiescent conditions.
3. With the DC (typical bias) and RF applied to the device at board temperature T
B
= 25°C.
4. Total dissipation power is referred to lead “x” temperature. Tc=92.5ºC, derate Pdiss at 8.7mW/ºC for Tc>92.5ºC.
5. Thermal resistance measured using 150°C Liquid Crystal Measurement method.
Figure 1. Test circuit of the 2 GHz production test board used for NF, Gain and OIP3 measure-
ments. This circuit achieves a trade-off between optimal NF, Gain, OIP3 and input return loss.
Circuit losses have been de-embedded from actual measurements.
+
1.2 nH
47 pF
1.2 pF
Co-planar with
ground.
length = 0.1
λ
3
1 25
6
4
47 pF
MGA-61563
47 nH
68 pF
10 nF
3V
620
Feedback
Id = I
ds + Ibias
I
bias
I
ds
Vd
Bias
1, 2, 5
4
3
R
bias
V
bias
Input
match
6
RFin
GND
RFout
Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com