Electronic Components Datasheet Search
  English  ▼

X  

MIC708TMY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC708TMY
Description  關P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC708TMY Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC708TMY Datasheet HTML 1Page - Micrel Semiconductor MIC708TMY Datasheet HTML 2Page - Micrel Semiconductor MIC708TMY Datasheet HTML 3Page - Micrel Semiconductor MIC708TMY Datasheet HTML 4Page - Micrel Semiconductor MIC708TMY Datasheet HTML 5Page - Micrel Semiconductor MIC708TMY Datasheet HTML 6Page - Micrel Semiconductor MIC708TMY Datasheet HTML 7Page - Micrel Semiconductor MIC708TMY Datasheet HTML 8Page - Micrel Semiconductor MIC708TMY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC706P/R/S/T, MIC708R/S/T
µP Supervisory Circuit
General Description
The MIC706 and MIC708 are inexpensive microprocessor
supervisory circuits that monitor power supplies in 3.0V
and 3.3V microprocessor-based systems. The circuit
functions include a watchdog timer, microprocessor reset,
power-failure warning, and a debounced manual reset
input.
The MIC706 offers a watchdog timer function, while the
MIC708 has an active-high reset output in addition to the
active-low reset output.
The R, S, and T versions are similar in all respects except
for supply voltage reset threshold levels. The threshold
levels are 2.63, 2.93, and 3.08V, respectively. When the
supply voltage drops below the reset threshold level,
/RESET (and RESET for the MIC708) is asserted.
The MIC706P is identical to the MIC706R, except that the
Reset output is asserted high.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Maximum supply current: 30µA
• Debounced manual reset input is TTL/CMOS
compatible
• Reset pulse width: 200ms
• Watchdog timer: 1.6s (MIC706)
• Precision supply voltage monitor
• Easy power-fail warning or low-battery detect
Applications
• Laptop and desktop computers
• Intelligent systems
• Critical microprocessor power monitoring
• Printers
• Controllers
Typical Application
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 28, 2014
Revision 2.0


Similar Part No. - MIC708TMY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
關P Supervisory Circuit
More results

Similar Description - MIC708TMY

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
關P SUPERVISORY CIRCUIT
logo
Micrel Semiconductor
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
關P Supervisory Circuit
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
關P Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
關P Supervisory Circuit
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
關P Supervisory Circuit
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com