Electronic Components Datasheet Search
  English  ▼

X  

MIC708R Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC708R
Description  關P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC708R Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC708R Datasheet HTML 2Page - Micrel Semiconductor MIC708R Datasheet HTML 3Page - Micrel Semiconductor MIC708R Datasheet HTML 4Page - Micrel Semiconductor MIC708R Datasheet HTML 5Page - Micrel Semiconductor MIC708R Datasheet HTML 6Page - Micrel Semiconductor MIC708R Datasheet HTML 7Page - Micrel Semiconductor MIC708R Datasheet HTML 8Page - Micrel Semiconductor MIC708R Datasheet HTML 9Page - Micrel Semiconductor MIC708R Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
MIC706P/R/S/, MIC708R/S/T
Application Information
An additional comparator which is independent of the
other functions on the MIC706P and MIC708 is provided
for early warning of power failure. An external voltage
divider can be used to compare unregulated DC to an
internal 1.25V reference. The voltage divider ratio on the
input of the power-fail comparator (PFI) can be chosen so
as to trip the power-fail comparator a few milliseconds
before VCC falls below the maximum reset threshold
voltage. The output of the power-fail comparator (/PFO)
can be used to interrupt the microprocessor when used in
this mode and execute shutdown procedures prior to
power loss. Hysteresis can be added to this comparator
with external resistors, as is commonly done with any
comparator.
Figure 2. Power-Fail Comparator
Watchdog Timer
The microprocessor can be monitored by connecting the
WDI pin (watchdog input) to a bus line or an I/O line. If a
transition doesn't occur on the WDI pin within in the
watchdog timeout period, then /WDO will go low. A
minimum pulse of 100ns or any transition low-to-high or
high-to-low on the WDI pin will reset the watchdog timer.
The output of the watchdog timer (/WDO) will remain high
if WDI sees a valid transition within the watchdog period.
If VCC falls below the reset threshold voltage, then /WDO
goes low immediately regardless of WDI. /WDO can be
connected to /MR to generate a reset pulse upon
watchdog timeout.
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below
the reset threshold voltage or when /MR goes low. The
reset pin remains asserted for a period of 200ms after
VCC has risen above the reset threshold voltage and
/MR
goes
high.
The
reset
function
ensures
the
microprocessor is properly reset and powers up into a
known condition after a power failure. /RESET will remain
valid with VCC as low as 1.4V.
May 28, 2014
8
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com