Electronic Components Datasheet Search
  English  ▼

X  

MICRF112 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 11Page - Micrel Semiconductor MICRF112 Datasheet HTML 12Page - Micrel Semiconductor MICRF112 Datasheet HTML 13Page - Micrel Semiconductor MICRF112 Datasheet HTML 14Page - Micrel Semiconductor MICRF112 Datasheet HTML 15Page - Micrel Semiconductor MICRF112 Datasheet HTML 16Page - Micrel Semiconductor MICRF112 Datasheet HTML 17Page - Micrel Semiconductor MICRF112 Datasheet HTML 18Page - Micrel Semiconductor MICRF112 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Micrel, Inc.
MICRF112
December 2011
15
M9999-120911
(408) 944-0800
Output Matching Network
Part of the function of the output network is to attenuate
the second and third harmonics. When matching to a
transmit frequency, care must be taken not only to
optimize for maximum output power but to attenuate
unwanted harmonics.
Layout Issues
PCB Layout is of primary concern to achieve optimum
performance and consistent manufacturing results. Care
must used on orientation of components to ensure they
do not couple or decouple the RF signal. PCB trace
length should be short to minimize parasitic inductance,
(1 inch ~ 20nH). For example, depending on inductance
values, a 0.5 inch trace can change the inductance by as
much as 10%. To reduce parasitic inductance, the use of
wide traces and a ground plane under signal traces is
recommended. Vias with low value inductance should be
used for components requiring a connection-to-ground.
Antenna Layout
Directivity is affected by antenna trace layout. No ground
plane should be under the antenna trace. For consistent
performance, components should not be placed inside
the loop of the antenna. Gerbers for Figure 7, with a
suggested layout, can be obtained on the Micrel web site
at: http://www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com