Electronic Components Datasheet Search
  English  ▼

X  

294152 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 294152
Description  0,8 DRC-Q, M 2mm, 68 polig
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

294152 Datasheet(HTML) 1 Page - ERNI Electronics

  294152 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
150
56,5
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Verpackungseinheit: 630 Stück -
Packaging unit: 630 pcs
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
≤ 0,1 mm
Coplanarity Area of Termination
≤
Anforderungsstufe 2
Performance Level 2
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
0,1 mm
a1
12
prior notice.
contact one of the ERNI companies
Date
Index
DRCQ
0,8 DRC-Q, M 2mm, 68 pin
0,8 DRC-Q, M 2mm, 68 polig
294152
5:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
0,8
1
-0,03
28,4 ±0,03
-0,03
0,55
0,15
1,35
0,8
1 ±0,03
33 x 0,8 = 26,4
Ansaughaube
hood
±0,03
-0,03
0,7
11,4
0,7 -0,03
28,4
4,7
0,9
5,8
ohne Ansaughaube -
without hood
a1
a34
26,4
27,9
29,95
31,4
0,8
33 x 0,8 =


Similar Part No. - 294152

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2941523 PHOENIX-2941523 Datasheet
121Kb / 4P
Rail-mountable double socket, with glow lamp, green housing
More results

Similar Description - 294152

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294140 ERNI-294140 Datasheet
112Kb / 1P
0,8 DRC-Q, M 1mm, 68 polig
294145 ERNI-294145 Datasheet
72Kb / 1P
0,8 DRC-Q, M 2mm, 12 polig
294148 ERNI-294148 Datasheet
97Kb / 1P
0,8 DRC-Q, M 2mm, 26 polig
294149 ERNI-294149 Datasheet
94Kb / 1P
0,8 DRC-Q, M 2mm, 32 polig
294151 ERNI-294151 Datasheet
98Kb / 1P
0,8 DRC-Q, M 2mm, 50 polig
294154 ERNI-294154 Datasheet
131Kb / 1P
0,8 DRC-Q, M 2mm, 100 polig
294156 ERNI-294156 Datasheet
157Kb / 1P
0,8 DRC-Q, M 2mm, 140 polig
100400760011 ERNI-100400760011 Datasheet
164Kb / 1P
0,8 DRC-Q, M 2mm, 68 polig
100200760011 ERNI-100200760011 Datasheet
113Kb / 1P
0,8 DRC-Q, M 2mm, 32 polig
100901220002 ERNI-100901220002 Datasheet
88Kb / 1P
0,8 DRC-Q, M 2mm, 16 polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com