Electronic Components Datasheet Search
  English  ▼

X  

294262 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 294262
Description  0,8 DRC-Q, F 140 polig
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

294262 Datasheet(HTML) 1 Page - ERNI Electronics

  294262 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
150
88,5
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Verpackungseinheit: 650 Stück -
Packaging unit: 650 pcs
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
≤ 0,1 mm
Coplanarity Area of Termination
≤
Anforderungsstufe 2
Performance Level 2
Kontaktbereich vergoldet
0,1 mm
4,4
-0,05
0,7
4
a1
PCB-Layout Proposal for SMT
Leiterplatten-Layout Vorschlag für SMT
a70
±0,03
57,2
0,8
1 ±0,03
-0,03
1,35
0,15
0,8
55,2
69 x 0,8 =
-0,03
0,55
1
0,7
60,2
58,6
±0,03
57,2
0,8
-0,03
55,2
69 x 0,8 =
0,7 -0,03
b70
b1
A2
prior notice.
contact one of the ERNI companies
Date
e03
Index
DRCQ
0,8 DRC-Q, F 140 pin
0,8 DRC-Q, F 140 polig
294262
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
b1
16


Similar Part No. - 294262

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294260 ERNI-294260 Datasheet
114Kb / 1P
0,8 DRC-Q, F 100 polig
294261 ERNI-294261 Datasheet
115Kb / 1P
0,8 DRC-Q, F 120 polig
logo
PHOENIX CONTACT
2942658 PHOENIX-2942658 Datasheet
139Kb / 6P
EMG 10-REL/KSR- 24/21-LC
More results

Similar Description - 294262

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294023 ERNI-294023 Datasheet
167Kb / 1P
0,8 DRC-B, F 6mm, 140 polig
294144 ERNI-294144 Datasheet
160Kb / 1P
0,8 DRC-Q, M 1mm, 140 polig
294156 ERNI-294156 Datasheet
157Kb / 1P
0,8 DRC-Q, M 2mm, 140 polig
294252 ERNI-294252 Datasheet
76Kb / 1P
0,8 DRC-Q, F 16 polig
294254 ERNI-294254 Datasheet
86Kb / 1P
0,8 DRC-Q, F 26 polig
294255 ERNI-294255 Datasheet
89Kb / 1P
0,8 DRC-Q, F 32 polig
294256 ERNI-294256 Datasheet
93Kb / 1P
0,8 DRC-Q, F 40 polig
294259 ERNI-294259 Datasheet
105Kb / 1P
0,8 DRC-Q, F 80 polig
294261 ERNI-294261 Datasheet
115Kb / 1P
0,8 DRC-Q, F 120 polig
100100100005 ERNI-100100100005 Datasheet
126Kb / 1P
0,8 DRC-Q, F 50 polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com