Electronic Components Datasheet Search
  English  ▼

X  

ACT4065ASH-T Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT4065ASH-T
Description  High Input 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4065ASH-T Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT4065ASH-T Datasheet HTML 1Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 2Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 3Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 4Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 5Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 6Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 7Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 8Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ACT4065A
Rev 0, 23-Apr-12
®
ABSOLUTE MAXIMUM RATINGS
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
PARAMETER
VALUE
UNIT
IN Supply Voltage
-0.3 to 30
V
SW Voltage
-1 to VIN + 1
V
BS Voltage
VSW - 0.3 to VSW + 7
V
EN, FB, COMP Voltage
-0.3 to 6
V
Continuous SW Current
Internally limited
A
Maximum Power Dissipation
0.76
W
Junction to Ambient Thermal Resistance (
θJA )
105
°C/W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VOUT = 5V, ILOAD = 1A
6
30
V
Feedback Voltage
VFB
VCOMP = 1.5V
0.792
0.808
0.824
V
High-Side Switch On Resistance
RONH
0.22
Ω
Low-Side Switch On Resistance
RONL
8
Ω
SW Leakage
VEN = 0
1
10
µA
High-Side Switch Current Limit
ILIM
Duty = 50%
3.5
A
COMP to Current Limit Transcon-
ductance
GCOMP
3.4
A/V
Error Amplifier Transconductance
GEA
ΔICOMP = ±10µA
650
µA/V
Error Amplifier DC Gain
AVEA
4000
V/V
Switching Frequency
fSW
190
210
240
kHz
Short Circuit Switching Frequency
VFB = 0
30
kHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
88
%
Minimum Duty Cycle
VFB = 1.0V
0
%
Enable Threshold Voltage
Hysteresis = 0.1V
0.75
0.8
0.85
V
Enable Pull-Up Current
Pin pulled up to 4.5V typically
when left unconnected
4
µA
Supply Current in Shutdown
VEN = 0
75
100
µA
IC Supply Current in Operation
VEN = 3V, VFB = 1.0V
0.75
mA
Thermal Shutdown Temperature
Hysteresis = 10°C
155
°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TJ = 25˚C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com