Electronic Components Datasheet Search
  English  ▼

X  

ACT6305 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6305 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT6305 Datasheet HTML 2Page - Active-Semi, Inc ACT6305 Datasheet HTML 3Page - Active-Semi, Inc ACT6305 Datasheet HTML 4Page - Active-Semi, Inc ACT6305 Datasheet HTML 5Page - Active-Semi, Inc ACT6305 Datasheet HTML 6Page - Active-Semi, Inc ACT6305 Datasheet HTML 7Page - Active-Semi, Inc ACT6305 Datasheet HTML 8Page - Active-Semi, Inc ACT6305 Datasheet HTML 9Page - Active-Semi, Inc ACT6305 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACT6305
Rev 3, 15-Nov-12
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FUNCTIONAL DESCRIPTION
As seen in the Functional Block Diagram, the
ACT6305 comprises a reference, low input startup
circuitry, feedback select, error comparator, control
logic and timers, internal power MOSFETs and cur-
rent comparators.
Main Control Loop
The ACT6305 control architecture utilizes a series
of one-shot and current sense circuits to regulate
the output voltage with a very low quiescent supply
current of just 17µA. An ON cycle begins when FB
falls below the ACT6305’s internal reference volt-
age. During an ON cycle, the N-channel power
switch is turned on to connect the LX node to
ground, transferring energy from input supply to the
inductor. The ON cycle persists or the 1A current
limit is reached. When either of these conditions
occurs, the N-channel power switch turns off and
the OFF cycle begins. During the OFF cycle, the
energy stored in the inductor is released into the
output capacitor and load through the synchronous
rectifier. Once the 1µs minimum OFF time expires,
another ON cycle begins when the FB voltage
drops below the reference voltage.
Light Load Operation
Under light load conditions, the IC automatically
enters a power-saving mode by extending the OFF
time. This reduces switching losses and allows the
ACT6305 to maintain high efficiency across a very
wide load range.
Low Voltage Startup
The ACT6305 uses proprietary start-up circuitry that
allows it to achieve very low voltage startup down to
1V. The ACT6305 remains in low voltage startup
mode until VOUT exceeds 1.85V. The ACT6305 can-
not support its full rated load current when operat-
ing in low-voltage startup mode. Care should be
taken to minimize load current during startup.
Shutdown
In shutdown mode, all internal circuits including the
power switch and the synchronous rectifier are dis-
abled, reducing quiescent supply current to less
than 1µA. Note that in shutdown mode, a DC path
from the input supply to the output still exists due to
the body diode of the synchronous rectifier.
FUNCTIONAL BLOCK DIAGRAM
OUT
LX
G
REFERENCE
FEEDBACK
SELECT
VREF
VREF
DRIVER
ERROR
COMPARATOR
LOW INPUT
START UP
1µs
ONE -SHOT
5µs
ONE -SHOT
SET
LATCH Q
RESET
CURRENT LIMIT
COMPARATOR
EN
FB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com