Electronic Components Datasheet Search
  English  ▼

X  

SMF110 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SMF110
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMF110 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMF110 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMF110 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DEVICE CHARACTERISTICS
Fig.2-TYPICALINSTANTANEOUSFORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
Fig.1-FORWARD CURRENTDERATING CURVE
LEAD TEMPERATURE, C
O
50
0.1
NUMBER OFCYCLE AT 60Hz
1000
10
0.1
1.0
10
100
Fig.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
1
10
100
30
25
20
15
10
5
0
1.0
.50
0
10
1.0
.2
.4
.6
.8 1.0 1.2 1.4 1.6 1.8 2.0
100
Fig.4-MAXIMUMNON-REPETITIVE PEAK
FORWARD SURGE CURRENT
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5.0mm)
COPPERPADAREAS
T= 25 C
PulseWidth= 300 s
1%Duty Cycle
J
O
m
T= 25 C
J
O
.25
.75
0
25
5075100
125
150
50-60V
80-100V
20-40V
SMF12 thru SMF110
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
2
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com