Electronic Components Datasheet Search
  English  ▼

X  

ACT8891 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT8891
Description  Advanced PMU for Rockchip RK2918 Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8891 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8891 Datasheet HTML 9Page - Active-Semi, Inc ACT8891 Datasheet HTML 10Page - Active-Semi, Inc ACT8891 Datasheet HTML 11Page - Active-Semi, Inc ACT8891 Datasheet HTML 12Page - Active-Semi, Inc ACT8891 Datasheet HTML 13Page - Active-Semi, Inc ACT8891 Datasheet HTML 14Page - Active-Semi, Inc ACT8891 Datasheet HTML 15Page - Active-Semi, Inc ACT8891 Datasheet HTML 16Page - Active-Semi, Inc ACT8891 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ACT8891
Rev 1, 06-Sep-13
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VVP1 = VVP2 = VVP3 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2.7
5.5
V
UVLO Threshold Voltage
VVDDREF Rising
2.2
2.45
2.65
V
UVLO Hysteresis
VVDDREF Falling
200
mV
Supply Current
µA
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 Enabled
420
Shutdown Supply Current
All Regulators Disabled
1.5
3.0
µA
Oscillator Frequency
1.8
2
2.2
MHz
Logic High Input Voltage1
1.4
V
Logic Low Input Voltage
0.4
V
Leakage Current
VnIRQ = VnRSTO = 4.2V
1
µA
Low Level Output Voltage2
ISINK = 5mA
0.35
V
nRSTO Delay
260
ms
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
20
°C
: PWRHLD, VSEL are logic inputs.
2
: nPBSTAT, nIRQ, nRSTO are open drain outputs.
3
: Typical value shown. Actual value may vary from 227.9ms to 291.2ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com