Electronic Components Datasheet Search
  English  ▼

X  

ACT8933 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8933
Description  Advanced PMU for CoreLogic LUCY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8933 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8933 Datasheet HTML 1Page - Active-Semi, Inc ACT8933 Datasheet HTML 2Page - Active-Semi, Inc ACT8933 Datasheet HTML 3Page - Active-Semi, Inc ACT8933 Datasheet HTML 4Page - Active-Semi, Inc ACT8933 Datasheet HTML 5Page - Active-Semi, Inc ACT8933 Datasheet HTML 6Page - Active-Semi, Inc ACT8933 Datasheet HTML 7Page - Active-Semi, Inc ACT8933 Datasheet HTML 8Page - Active-Semi, Inc ACT8933 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ACT8933
Rev 3, 15-Nov-12
- 4 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2012 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN55-40)
ORDERING INFORMATION
PART NUMBER VOUT1/VSTBY1 VOUT2/VSTBY2 VOUT3/VSTBY3 VOUT4 VOUT5 VOUT6 VOUT7 PACKAGE PINS
TEMPERATURE
RANGE
ACT8933QJ133-T 1.2V/1.2V
1.8V/1.8V
3.1V/3.1V 1.2V 3.1V 1.8V 3.1V TQFN55-40 40
-40°C to +85°C
ACT8933QJ233-T 1.2V/1.2V
1.8V/1.8V
3.1V/3.1V 1.2V 3.1V 1.8V 3.1V TQFN55-40 40
-40°C to +85°C
: All Active-Semi components are RoHS Compliant and with Pb-free plating otherwise specified.
: Standard product options are listed in this table. Contact factory for custom options. Minimum order quantity is 12,000 units.
: Refer to Push-Button Control section for the power control sequences of each part number.
: To select VSTBYx as the output regulation voltage for REGx, drive VSEL to logic high. VSTBYx can be set by software via I
2C interface.
ACT8933QJ_ _ _-T
Option Code
Pin Count
Package Code
Product Number
Active-Semi
Tape and Reel
REFBP
OUT1
GA
OUT4
OUT5
INL
OUT7
OUT6
nPBIN
PWRHLD
BAT
BAT
nSTAT
SDA
SCL
VSEL
TH
ISET
CHGLEV
ACIN
EP
ACTIVE
AA33
DATE CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com