Electronic Components Datasheet Search
  English  ▼

X  

SP810 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP810
Description  3 Pin Microprocessor Supervisor Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP810 Datasheet(HTML) 3 Page - Exar Corporation

  SP810 Datasheet HTML 1Page - Exar Corporation SP810 Datasheet HTML 2Page - Exar Corporation SP810 Datasheet HTML 3Page - Exar Corporation SP810 Datasheet HTML 4Page - Exar Corporation SP810 Datasheet HTML 5Page - Exar Corporation SP810 Datasheet HTML 6Page - Exar Corporation SP810 Datasheet HTML 7Page - Exar Corporation SP810 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S
SP
P8
80
09
9 /
/ S
SP
P8
81
10
0
3
3 P
Piin
n M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orr C
Ciirrccu
uiitt
© 2011 Exar Corporation
3/8
Rev. 2.0.0
BLOCK DIAGRAM
Fig. 2: SP809 / SP810 Block Diagram
PIN ASSIGNMENT
Fig. 3: SP809 / SP810 Pin Assignment
PIN DESCRIPTION
Name
Pin Number
Description
GND
1
Ground Signal
RESET
2
Active Low Output Pin.
RESET Output remains high while VCC is below the reset threshold
RESET
Active High Output Pin.
RESET Output remains high while VCC is below the reset threshold
VCC
3
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com