Electronic Components Datasheet Search
  English  ▼

X  

ACT8942 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8942
Description  Advanced PMU for Amlogic AML8726-M3 Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8942 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8942 Datasheet HTML 1Page - Active-Semi, Inc ACT8942 Datasheet HTML 2Page - Active-Semi, Inc ACT8942 Datasheet HTML 3Page - Active-Semi, Inc ACT8942 Datasheet HTML 4Page - Active-Semi, Inc ACT8942 Datasheet HTML 5Page - Active-Semi, Inc ACT8942 Datasheet HTML 6Page - Active-Semi, Inc ACT8942 Datasheet HTML 7Page - Active-Semi, Inc ACT8942 Datasheet HTML 8Page - Active-Semi, Inc ACT8942 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ACT8942
Rev 2, 15-Nov-12
- 3 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2012 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
REG6
LDO
REG7
LDO
Charge
Control
CHGIN
BAT
CURRENT SENSE
VOLTAGE SENSE
4.35V to 6V
AC Adaptor
USB
Li+ Battery
BODY
SWITCH
SDA
ActivePath
Control
System Supply
VSYS
BODY
SWITCH
2.85V
PRE-
CONDITION
110°C
THERMAL
REGULATION
VP2
GP12
SW2
OUT2
OUT2
VP1
GP12
SW1
OUT1
OUT1
To VSYS
(Optional)
TH
OUT7
OUT6
REG5
LDO
OUT5
OUT7
OUT6
OUT5
System
Control
nIRQ
REG4
LDO
OUT4
OUT4
INL
REFBP
Reference
ACIN
ISET
VP3
GP3
SW3
OUT3
OUT3
+
CHGLEV
GA
EP
nSTAT
CHARGE STATUS
VSYS
To VSYS
To VSYS
To VSYS
nPBSTAT
PWRHLD
PWREN
SCL
nRSTO
VSEL
nLBO
1.2V
-
+
LBI
OUT4
BAT
102µA
OUT4
OUT4
OUT4
nPBIN
PUSH BUTTON
VSYS
FUNCTIONAL BLOCK DIAGRAM
ACT8942



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com