Electronic Components Datasheet Search
  English  ▼

X  

STF11N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF11N65M5
Description  N-channel 650 V, 0.43 Ω typ., 9 A MDmesh™ V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF11N65M5 Datasheet HTML 2Page - STMicroelectronics STF11N65M5 Datasheet HTML 3Page - STMicroelectronics STF11N65M5 Datasheet HTML 4Page - STMicroelectronics STF11N65M5 Datasheet HTML 5Page - STMicroelectronics STF11N65M5 Datasheet HTML 6Page - STMicroelectronics STF11N65M5 Datasheet HTML 7Page - STMicroelectronics STF11N65M5 Datasheet HTML 8Page - STMicroelectronics STF11N65M5 Datasheet HTML 9Page - STMicroelectronics STF11N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
STB11N65M5, STD11N65M5, STF11N65M5, STP11N65M5, STU11N65M5
6/25
Doc ID 022864 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for DPAK and
IPAK
Figure 3.
Thermal impedance DPAK and IPAK
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10ms
10µs
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.01
100
100µs
AM15398v1
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10ms
10µs
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.01
100
100µs
AM15399v1
Figure 6.
Safe operating area for TO-220 and
D2PAK
Figure 7.
Thermal impedance for TO-220 and
D2PAK
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10ms
10µs
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.01
100
100µs
AM15400v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com