Electronic Components Datasheet Search
  English  ▼

X  

C3D04065 Datasheet(PDF) 4 Page - Cree, Inc

Part # C3D04065
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D04065 Datasheet(HTML) 4 Page - Cree, Inc

  C3D04065 Datasheet HTML 1Page - Cree, Inc C3D04065 Datasheet HTML 2Page - Cree, Inc C3D04065 Datasheet HTML 3Page - Cree, Inc C3D04065 Datasheet HTML 4Page - Cree, Inc C3D04065 Datasheet HTML 5Page - Cree, Inc C3D04065 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
C3D04065E Rev. -
Typical Performance
80
70
60
50
40
30
20
10
0
T
C Case Temperature (°C)
25
50
75
100
125
150
175
Figure6.PowerDerating
 
dK
40.0
50.0
60.0
70.0
80.0
0.0
10.0
20.0
30.0
25
50
75
100
125
150
175
Tc Case Temperature (°C)
POS
Inches
Millimeters
Min
Max
Min
Max
A
.250
.289
6.350
7.341
B
.197
.215
5.004
5.461
C
.027
.050
.686
1.270
D*
.270
.322
6.858
8.179
E
.178
.182
4.521
4.623
F
.025
.045
.635
1.143
G
44˚
46˚
44˚
46˚
H
.380
.410
9.652
10.414
J
.090TYP
2.286TYP
K
6˚
8˚
6˚
8˚
L
.086
.094
2.184
2.388
M
.018
.034
.457
.864
N
.035
.050
.889
1.270
P
.231
.246
5.867
6.248
Q
0.00
.005
0.00
.127
R
R0.010TYP
R0.254TYP
S
.017
.023
.432
.584
T
.038
.045
.965
1.143
U
.021
.029
.533
.737
Package Dimensions
PackageTO-252-2
Note:
*Tab“D”maynotbepresent
*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com