Electronic Components Datasheet Search
  English  ▼

X  

C3D03065 Datasheet(PDF) 5 Page - Cree, Inc

Part # C3D03065
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D03065 Datasheet(HTML) 5 Page - Cree, Inc

  C3D03065 Datasheet HTML 1Page - Cree, Inc C3D03065 Datasheet HTML 2Page - Cree, Inc C3D03065 Datasheet HTML 3Page - Cree, Inc C3D03065 Datasheet HTML 4Page - Cree, Inc C3D03065 Datasheet HTML 5Page - Cree, Inc C3D03065 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
C3D03065E Rev. -
Recommended Solder Pad Layout
Part Number
Package
Marking
C3D03065E
TO-252-2
C3D03065
TO-252-2
Diode Model
Note: T
j = Diode Junction Temperature In Degrees Celsius,
valid from 25°C to 175°C
VT
RT
Diode Model CSD04060
Vf T = VT + If*RT
VT= 0.965 + (Tj * -1.3*10-3)
RT= 0.096 + (Tj * 1.06*10-3)
.
08
VT = VT+If*RT
V
T = 1.01+(TJ*-1.26*10
-3
)
R
T =0.14+(TJ*1.13*10
-3
)
Note: Recommended soldering profiles can be found in the applications note here:
http://www.cree.com/power_app_notes/soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com