Electronic Components Datasheet Search
  English  ▼

X  

394571 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 394571
Description  MSpeed Federl. 90 PM THR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

394571 Datasheet(HTML) 1 Page - ERNI Electronics

  394571 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackungseinheit: 500 Stück
Verpackt im Gurt nach DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Packaging unit: 500 pcs
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Abspulrichtung -
Reel off Direction
1,6
1,6
MSpeed female 90° PM THR
MSpeed Federl. 90° PM THR
394571
Date
Index
MSPPM
5:1
A3
prior notice.
contact one of the ERNI companies
06.03.2014
e
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
a1
a5
4 x 2 =
11
0,5
10
0,6
11
8
2
Leiterplatten-Layout Vorschlag /
1.)
1.)
PCB-Layout Proposal
Leiterplattenkante
Board edge
1.) Durchmesser des Bohrers /
Drill tool
4 x 2 = 8
2
0,7
1,5
±0,03
11
±0,03
±0,03
3
9
0,9
3 x 3 =
±0,05
0,6
1
6,1
3
9,2
0,8
8,8
2,4
11,9
a1
16
Schirmblechauflagefläche berücksichtigen,
keine Durchkontaktierungen oder Leitungen möglich!
Consider shielding contact area, no via´s or traces possible!


Similar Part No. - 394571

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
394570 ERNI-394570 Datasheet
52Kb / 1P
MSpeed Federl. 90 PM
logo
TE Connectivity Ltd
394570-E TEC-394570-E Datasheet
66Kb / 2P
5-pin, right angle, THR
394570-E
logo
ERNI Electronics
394572 ERNI-394572 Datasheet
54Kb / 1P
MSpeed Messerl. 90 PM
logo
TE Connectivity Ltd
394572-E TEC-394572-E Datasheet
68Kb / 2P
5-pin, right angle, THR
logo
ERNI Electronics
394573 ERNI-394573 Datasheet
54Kb / 1P
MSpeed Messerl. 90 PM THR
More results

Similar Description - 394571

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364708 ERNI-364708 Datasheet
73Kb / 1P
MSpeed Federl. 90 PM
364710 ERNI-364710 Datasheet
74Kb / 1P
MSpeed Federl. 90 PM SMD/THR
364707 ERNI-364707 Datasheet
74Kb / 1P
MSpeed Federl. 90 PM
394570 ERNI-394570 Datasheet
52Kb / 1P
MSpeed Federl. 90 PM
100600100004 ERNI-100600100004 Datasheet
76Kb / 1P
MSpeed Federl. 90 PM
DC0007148 ERNI-DC0007148 Datasheet
56Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
DC0007154 ERNI-DC0007154 Datasheet
74Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
DC0007160 ERNI-DC0007160 Datasheet
73Kb / 1P
MSpeed Federl. 90 PM MSpeed female 90 PM
DC0007163 ERNI-DC0007163 Datasheet
76Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
DC0007166 ERNI-DC0007166 Datasheet
54Kb / 1P
MSpeed Messerl. 90. PM THR MSpeed male 90. PM THR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com