Electronic Components Datasheet Search
  English  ▼

X  

8262 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8262
Description  Coax - 50 Ohm Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8262 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8262 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8262 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8262 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8262 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
Description:
20 AWG stranded (19x33) .035" tinned copper conductor, polyethylene insulation, tinned copper braid
shield (95% coverage), non-contaminating PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material Dia. (in.)
1
20
19x33
TC - Tinned Copper .035
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material Dia. (in.)
PE - Polyethylene
.115
Outer Shield
Outer Shield Material:
Type Outer Shield Material Coverage (%)
Braid TC - Tinned Copper
95
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVCNC - Polyvinyl Chloride Non-Contaminating
Overall Cable
Overall Nominal Diameter:
0.195 in.
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +85°C
UL Temperature Rating:
85°C
Bulk Cable Weight:
24 lbs/1000 ft.
Max. Recommended Pulling Tension:
42 lbs.
Min. Bend Radius/Minor Axis:
2 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
10/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
Page 1 of 3
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8262 Coax - 50 Ohm Coax


Similar Part No. - 8262

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8262 FILTRAN-8262 Datasheet
172Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
Mallory performance clu...
8262 MALLORY-8262 Datasheet
420Kb / 2P
GM LS Blaster Coils
logo
API Technologies Corp
8262 APITECH-8262 Datasheet
589Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
List of Unclassifed Man...
82620101000 ETC2-82620101000 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
8262010U1000 ETC2-8262010U1000 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
More results

Similar Description - 8262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50CX-41 ETC2-50CX-41 Datasheet
67Kb / 1P
30 AWG, 50 Ohm Coax
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
26 AWG, 50 Ohm Coax
1674ATIN100 ETC2-1674ATIN100 Datasheet
105Kb / 4P
Coax - 50 Ohm Microwave Cable
83242 ETC2-83242 Datasheet
104Kb / 4P
Coax - 50 Ohm Coax
logo
ERNI Electronics
053307 ERNI-053307 Datasheet
45Kb / 1P
COAX-PLUG 75 OHM
064428 ERNI-064428 Datasheet
66Kb / 1P
COAX-PLUG 75 OHM
logo
List of Unclassifed Man...
8241F ETC2-8241F Datasheet
102Kb / 3P
75 Ohm Coax
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
50 Ohm Wireless Transmission Coax, RF 400, RG8
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com