Electronic Components Datasheet Search
  English  ▼

X  

7805 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 7805
Description  Coax - RG-174 Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7805 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  7805 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7805 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7805 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7805 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
RG Type:
174/U
Series Type:
RF 100
Suitability
Suitability - Outdoor:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
50
Nom. Inductance:
Inductance (µH/ft)
.077
Nom. Capacitance Conductor to Shield:
Capacitance (pF/ft)
31.2
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/ft)
1.54
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
32.0
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
9.1
Maximum VSWR:
Description Freq. (MHz) Start Freq. (MHz) Stop Freq. (MHz) Max. VSWR
5
6000
1.25:1
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
5.000
1.500
10.000
2.200
30.000
3.800
50.000
4.900
150.000
8.600
220.000
10.400
450.000
15.200
900.000
22.000
1500.000
28.700
1800.000
31.700
2000.000
33.400
2500.000
37.800
3000.000
42.000
3500.000
45.400
4500.000
52.300
5800.000
60.900
6000.000
62.000
Page 2 of 3
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
7805 Coax - RG-174 Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com