Electronic Components Datasheet Search
  English  ▼

X  

A0341173 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A0341173
Description  BIX Cross-Connect System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0341173 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A0341173 Datasheet HTML 1Page - List of Unclassifed Manufacturers A0341173 Datasheet HTML 2Page - List of Unclassifed Manufacturers A0341173 Datasheet HTML 3Page - List of Unclassifed Manufacturers A0341173 Datasheet HTML 4Page - List of Unclassifed Manufacturers A0341173 Datasheet HTML 5Page - List of Unclassifed Manufacturers A0341173 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
COMMERCIAL
NETWORKING
—
COPPER
15.17
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
BIX Cross-Connect System
BIX Tools, Testing Tools,
Accessories and Designation Strip
BIX Connecting Tool
The BIX Connecting Tool is the only tool required to terminate cables, pigtails or jumper wires on all
GigaBIX and BIX connection products. The BIX Connecting Tool is a spring-activated hand tool. A single
forward movement will seat the wire into the BIX IDC clip and cut off the excess wire. The tool will
terminate 22-26-AWG plastic insulated solid copper conductors. A separate leather BIX Tool Pouch to
carry and protect the BIX Tool can be ordered.
BIX Test Probe
The BIX Test Probe is a single-pair probe that clips onto the termination clip of BIX Distribution or BIX
Modular Jack Connectors to facilitate testing.
BIX Accessories
The BIX Special Service Guard is a single-pair red plastic clip used to identify a connection within a
BIX distribution field that requires special attention prior to any maintenance work.
The BIX Bridging Clip is a single-pair clip used to bridge single-pair connections of two BIX
connectors.
The BIX Wire Retainer is a plastic extrusion that fits over the terminated wires on a BIX Connector
to prevent them from being pulled out of the IDC contacts. It can be used to secure a permanent
connection on either side of a BIX Connector.
This 19 in. Rack Bracket Kit provides the hardware for BIX Mount installation into a 19 in. rack. This
kit comes complete with two mounting bars, four screws for rack mounting, four screws for BIX Mount
assemblies and an installation guide.
BIX Cable Ties are used for securing wire bundles to the BIX Connector.
BIX Designation Strip
The BIX Designation Strip is designed to be used in conjunction with all BIX Mounts and BIX
Connectors. It snaps in between two connectors and provides space for self adhesive BIX labels.
The strip is made of white fire-retardant plastic, with ridges on the top and bottom for easy alignment
and placement of designation labels. (See the LabelFlex section for designation labels.)
Belden Part Number
Description
BIX Cross-Connect System
BIX Tools
BIX Connecting Tool
A0270165
Tool Pouch
C0054642
BIX Test Probe
BIX Test Probe, 1-pair, 1/pack
A0270166
BIX Accessories
BIX Special Service Guard, 1-pair, Red, 50/pack
A0270172
BIX Bridging Clip, 1-pair, Gray, 50/pack
A0325091
BIX Bridging Clip, 1-pair, White, 50/pack
A0325493
BIX Wire Retainer, 100/pack
P0660798
19 in. Rack Bracket Kit, 2 bars/pack
A0352331
BIX Cable Tie, 100/pack
C0039222
BIX Designation Strip
BIX Designation Strip, White, 50/pack
A0270169
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Tool in CUT position
A0270165 BIX Connecting Tool
Tool in NO CUT position
C0054642
Tool Pouch
A0270166 BIX Test Probe
A0270172
Special Service
Guard
A0325493
Bridging Clip
P0660798 BIX Wire
Retainer
A0352331 19 in. Rack
Bracket Kit
C0039222 BIX
Cable Tie
A0270169 BIX Designation Strip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com