Electronic Components Datasheet Search
  English  ▼

X  

RM020 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RM020
Description  Pushbutton Switches, 22mm, Oil-Tight, Round
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM020 Datasheet(HTML) 1 Page - Tyco Electronics

  RM020 Datasheet HTML 1Page - Tyco Electronics RM020 Datasheet HTML 2Page - Tyco Electronics RM020 Datasheet HTML 3Page - Tyco Electronics RM020 Datasheet HTML 4Page - Tyco Electronics RM020 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Reliant'22 Series
I
Pushbutton Switches, 22mm, Oil-Tight, Round
I3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MOMENTARY
Metal Bushings
Contact blocks not supplied, order separately.
(See page I8.)
Model
Type
RM010(*)
Flush Button
RM020(*)
Extended Button
RM015(*)
Extended Guard
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
Thermoplastic Bushings (Threaded)
Contact blocks not supplied, order separately.
(See page I8.)
Model
Type
RT010(*)
Flush Button
RT020(*)
Extended Button
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
.039 - .236
(.99 - 5.99)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.04
(26.5)
PANEL
THICKNESS
.039 - .394
(.99 - 10.0)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.34
(34.0)
PANEL
THICKNESS
FEATURES
• Fits 7/8" (22mm) diameter holes
• Full size buttons
• Meets NEMA 1, 12 and 13
• Rugged heavy-duty metal bushing, or thermoplastic bushings
for full installation
• Matte black beveled frame finish
• IP65 protection level
• Snap-block contacts
• 6A @ 600VAC, 6A @ 125VDC V40, V50, F40, F50
6A @ 600VAC, 4A @ 125VDC VAO, VRO, FAO, FRO
• Easy "no tool" mounting
• Choice of screw terminals or dual .110/.250 quick connects
• Double-break silver contacts standard, gold plated optional
• Stackable
INSTALLATION & ASSEMBLY
A. Engage the operator (1) into the 22.5mm dia. mounting hole.
B. Engage metal ring (2) with operator (bayonet lock). Tighten set
screws against back of panel.
C. Snap the contact blocks (4) on the support(3).
D. Snap the support (3) complete with contact blocks (4) on the
metal ring (2).
A. Engage the operator and seal (1) into the 22.5mm dia. mounting hole.
B. Mount back-up nut (2) on bushing and then tighten against panel.
C. Snap the contact blocks (4) on the support (3).
D. Snap the support (3) complete the contact blocks (4) onto operator (1).
1/8" Drill
[3.17]
7/8" Drill
[22.22]
Panel Hole
QT/RT
Models
QM/RM
Models
1
4
3
4
3
2
1
RM020(*)
RM010(*)
RT010
RT020
2
Flush
Button
Extended
Button


Similar Part No. - RM020

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RM0201HA-1000FN-95 BARRY-RM0201HA-1000FN-95 Datasheet
144Kb / 2P
250mW BeO Chip Resistor w/ Single-Sided Terminals & Backplane
REV.A OCT 1 2021
RM0201HA-1000FN-95WP BARRY-RM0201HA-1000FN-95WP Datasheet
144Kb / 2P
250mW BeO Chip Resistor w/ Single-Sided Terminals & Backplane
REV.A OCT 1 2021
RM0201HA-1000GN-95 BARRY-RM0201HA-1000GN-95 Datasheet
144Kb / 2P
250mW BeO Chip Resistor w/ Single-Sided Terminals & Backplane
REV.A OCT 1 2021
RM0201HA-1000GN-95WP BARRY-RM0201HA-1000GN-95WP Datasheet
144Kb / 2P
250mW BeO Chip Resistor w/ Single-Sided Terminals & Backplane
REV.A OCT 1 2021
RM0201HA-1000JN-95 BARRY-RM0201HA-1000JN-95 Datasheet
144Kb / 2P
250mW BeO Chip Resistor w/ Single-Sided Terminals & Backplane
REV.A OCT 1 2021
More results

Similar Description - RM020

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB16 GREATECS-PB16 Datasheet
694Kb / 3P
SPST Sealed Round Pushbutton Switches
logo
Tyco Electronics
2-1437614-0 MACOM-2-1437614-0 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-1 MACOM-2-1437614-1 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-3 MACOM-2-1437614-3 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-6 MACOM-2-1437614-6 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-8 MACOM-2-1437614-8 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
Momentary pushbutton switches - round plunger
1202A2 ETC2-1202A2 Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
logo
Tyco Electronics
RM232 MACOM-RM232 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com