Electronic Components Datasheet Search
  English  ▼

X  

RUT2012 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # RUT2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RUT2012 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button RUT2012 Datasheet HTML 12Page - Samsung semiconductor RUT2012 Datasheet HTML 13Page - Samsung semiconductor RUT2012 Datasheet HTML 14Page - Samsung semiconductor RUT2012 Datasheet HTML 15Page - Samsung semiconductor RUT2012 Datasheet HTML 16Page - Samsung semiconductor RUT2012 Datasheet HTML 17Page - Samsung semiconductor RUT2012 Datasheet HTML 18Page - Samsung semiconductor RUT2012 Datasheet HTML 19Page - Samsung semiconductor RUT2012 Datasheet HTML 20Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
32
33
Characteristics
Performance
Direct Current
Resistance
Within the regulated resistance tolerance.
Less than ±(1%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
Over 1,000M
Ω
Temperature
Characteristic
Short-time
Overload
Intermittent
Overload
Dielectric
Withstanding
Voltage
Insulation
Resistance
ΔR
ΔR
Visual
Visual
J-Grade
1
Ω≤R〈10Ω:+300/-200ppm/℃
10
Ω≤R≤1MΩ:±100ppm/℃(0603±250ppm)
1M
Ω〈R≤10MΩ:±300ppm/℃
F-Grade
1
Ω≤R≤10MΩ:±100ppm/℃(0603±250ppm)
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
JIS C 5201-1 4.5
Voltage apply Within 5 sec.
Test temp: 20
℃, 65RH
Test board: <FIG. 1>
JIS C 5201-1 4.8
Test Temperature(
℃)
20
℃→ -55℃ / 20℃→ 125℃
T.C.R(ppm /
℃)=(R-R20)/ R20×1/(T-T20)×106
※
T=test Temperature, T20 =20
℃
R=Resistance at T, R20 =Resistane at T20
Test board: <FIG. 1>
JIS C 5201-1 4.13
Apply 2.5 times rated voltage for 5 sec.
Wait 60 minutes at room temperature.
Measure the resistance value.
Test board: <FIG. 1>
JIS C 5201-1 4.13
2.5 times of rated voltage .
1 second ON, 25 second OFF.
10,000 cycles.
Test board: <FIG. 1>
JIS C 5201-1 4.7
Apply Voltage for 1 minute
0402.0603:50V
1005, 1608: 100V
Other: 500V
Max Surge
Current
Max Surge
Current
Cu
Item
Requirements Specification
Test Methods
Resistor
Resistor
Jumper
Jumper
Cu
P2
Cu
Substrate
V
Temperature
Cycle
Less than ±(1%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
Less than ±(3%+0.1
Ω) of the initial value.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
Load Life
Low Temp.
Exposure
High Temp.
Exposure
Moisture
Resistance
ΔR
ΔR
ΔR
ΔR
ΔR
Visual
Visual
Visual
Visual
Visual
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
JIS C 5201-1 4.19
Perform 100 cycles as follows.
Test Condition: -55
℃/ 30min ↔ 125℃/ 30min
sweep time: 5 min
Test board: <FIG. 1>
JIS C 5201-1 4.25
Test Voltage: rated voltage
Test temp.: 70±2
℃
Time: 1,000+48 hours(90 min; ON, 30 min; OFF)
Test board: <FIG. 1>
JIS C 5201-1 4.23
Dwell in -55
℃ chamber without loading for 1,000+48 hours.
Stabilize for 60 minutes at room temperature.
Measure value.
Test board: <FIG. 1>
JIS C 5201-1 4.23
Dwell in 125
℃±2℃ or 155℃±2℃chamber without
loading for 1,000+48 hours. Stabilize for 60 minutes at room
temperature.
Measure value.
Test board: <FIG. 1>
JIS C 5201-1 4.14
Test Voltage: rated voltage
Test temp.: 40±2
℃
Time: 1,000+48 hours(90 min; ON, 30 min; OFF)
Humidity: 90~95% RH
Stabilize for 1 hrs & Measure.
Test board: <FIG. 1>
Item
Requirements Specification
Test Methods
Resistor
Resistor
Jumper
Jumper
Solderability
Coverage:
≥95% each termination.
No crack of termination parts and ceramic exposure of
surface by melting.
Less than±(1.0%+0.05
Ω)of the initialvalue.
Less than±(1%+0.05
Ω)of the initial value.
Less than±(1%+0.05
Ω)of the initial value.
No evidence of mechanical damage.
No evidence of mechanical damage.
No evidence of mechanical damage.
Bending
Test
Adhesive strength
of termination
No mechanical damage or sign of disconnection
JIS C 5201-1(4.16)
- Test strengh : 5N (500g . f), 0603 : 2N
- Test time : Applying pressure for 10 seconds
Resistance
to
Soldering
Heat
Anti-
Vibration
Test
ΔR
ΔR
ΔR
Visual
Visual
Visual
50m
ΩMax.
50m
ΩMax.
50m
ΩMax.
IEC60068-2-58
Rosin Flux: Rosin 25%, Methanol 75%
Solder Temp.: 245+5/-0
℃
Dipping time: 2±0.5 sec.(Both side dipping)
JIS C 5201-1 4.33
After soldering resistor on
the PCB, 3mm of bending shall
be applied for 10 sec.
Test board: <FIG. 2>
JIS C 5201-1 4.18
- Flow soldering :260±5℃,10 sec .max.(both side dipping)
- Reflow soldering :260±5℃, 10 sec. max.
over 230
℃, 30~40 sec.
JIS C 5201-1 4.22
2 hours each in X, Y and Z axis(total 6 hours)
10 to 55Hz sweep in 1 minute at 1.5mm amplitude.
Item
Requirements Specification
Test Methods
Resistor
Resistor
Jumper
Jumper
R230
20
3mm
500 g.f
90mm
※These characteristics apply to 1
Ω~10MΩ. In case of other resistance range, please contact us.
※The next is specification in our company for flow soldering and test boards.
Time: 5~10 sec.
Time: 10 sec max.
Temp.: 260
±5℃.
Flux
Solder
Item
Specification
Dipping
ROSIN 25%, IPA 75%
Sn-3.0Ag-0.5Cu
Electrical Characteristic
Environmental Characteristic
Flow soldering Conditions
Mechanical Characteristic
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
P1
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com