Electronic Components Datasheet Search
  English  ▼

X  

STB34N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB34N65M5
Description  N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB34N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STB34N65M5 Datasheet HTML 1Page - STMicroelectronics STB34N65M5 Datasheet HTML 2Page - STMicroelectronics STB34N65M5 Datasheet HTML 3Page - STMicroelectronics STB34N65M5 Datasheet HTML 4Page - STMicroelectronics STB34N65M5 Datasheet HTML 5Page - STMicroelectronics STB34N65M5 Datasheet HTML 6Page - STMicroelectronics STB34N65M5 Datasheet HTML 7Page - STMicroelectronics STB34N65M5 Datasheet HTML 8Page - STMicroelectronics STB34N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID022853 Rev 3
5/22
STB34N65M5, STI34N65M5, STP34N65M5, STW34N65M5
Electrical characteristics
22
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td (v)
Voltage delay time
VDD = 400 V, ID = 18 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 19 and
Figure 22)
-59
-
ns
tr (v)
Voltage rise time
-
8.7
-
ns
tf (i)
Current fall time
-
7.5
-
ns
tc(off)
Crossing time
-
12
-
ns
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
28
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
112
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 28 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 28 A, di/dt = 100 A/µs
VDD = 100 V (see Figure 22)
-
350
ns
Qrr
Reverse recovery charge
-
5.6
µC
IRRM
Reverse recovery current
-
32
A
trr
Reverse recovery time
ISD = 28 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 22)
-
422
ns
Qrr
Reverse recovery charge
-
7.4
µC
IRRM
Reverse recovery current
-
35
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com