Electronic Components Datasheet Search
  English  ▼

X  

STGW50H60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW50H60DF
Description  50 A, 600 V field stop trench gate IGBT with Ultrafast diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50H60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW50H60DF Datasheet HTML 3Page - STMicroelectronics STGW50H60DF Datasheet HTML 4Page - STMicroelectronics STGW50H60DF Datasheet HTML 5Page - STMicroelectronics STGW50H60DF Datasheet HTML 6Page - STMicroelectronics STGW50H60DF Datasheet HTML 7Page - STMicroelectronics STGW50H60DF Datasheet HTML 8Page - STMicroelectronics STGW50H60DF Datasheet HTML 9Page - STMicroelectronics STGW50H60DF Datasheet HTML 10Page - STMicroelectronics STGW50H60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STGW50H60DF
Electrical characteristics
Doc ID 018673 Rev 5
7/12
Figure 14.
Turn-OFF SOA
Figure 15.
Short circuit time & current vs. VGE
Figure 16.
Diode forward current vs. forward
voltage
Figure 17.
Diode forward current vs. junction
temperature
Figure 18.
Maximum normalized Zth junction
to case (IGBT)
Figure 19.
Maximum normalized Zth junction
to case (Diode)
AM11841v1
0.01
0.1
1
10
100
0.1
1
10
100
IC (A)
VCE (V)
VGE = 15 V, RG = 10Ω
TC = 150 °C
AM11842v1
50
150
250
350
2.5
5
7.5
10
12.5
15
17.5
20
9
101112131415
ISC (A)
tsc (μs)
VGE (V)
VCC= 400V,
TC = 25°C
tSC
ISC
AM11843v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
15
20
25
30
35
40
45
50
55
VF (V)
IF (A)
TJ = -40°C
TJ = 25°C
TJ = 150°C
AM11844v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-50
-25
0
25
50
75
100
125
VF (V)
TJ (ºC)
IF = 60A
IF = 30A
IF = 15A
AM11845v1
1E-02
1E-01
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
K
tP (s)
Single
Pulse
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
AM11846v1
1.E-02
1.E-01
1.E+00
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
K
tP (s)
Single
Pulse
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com