Electronic Components Datasheet Search
  English  ▼

X  

STP110N55F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP110N55F6
Description  N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP110N55F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP110N55F6 Datasheet HTML 1Page - STMicroelectronics STP110N55F6 Datasheet HTML 2Page - STMicroelectronics STP110N55F6 Datasheet HTML 3Page - STMicroelectronics STP110N55F6 Datasheet HTML 4Page - STMicroelectronics STP110N55F6 Datasheet HTML 5Page - STMicroelectronics STP110N55F6 Datasheet HTML 6Page - STMicroelectronics STP110N55F6 Datasheet HTML 7Page - STMicroelectronics STP110N55F6 Datasheet HTML 8Page - STMicroelectronics STP110N55F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2011
Doc ID 019059 Rev 1
1/11
11
STP110N55F6
N-channel 55 V, 4.3 m
Ω, 110 A TO-220
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ Low gate charge
■ Very low on-resistance
■ High avalanche ruggedness
Applications
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6th generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest RDS(on) in all packages.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max
ID
STP110N55F6
55 V
< 5.2 m
Ω
110 A
TO-220
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP110N55F6
110N55F6
TO-220
Tube
www.st.com


Similar Part No. - STP110N55F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP110N10F7 STMICROELECTRONICS-STP110N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 5.1 mΩ typ., 110 A, STripFET™VII DeepGATE™ Power MOSFETs in TO-220FP and TO-220 packages
16-Jul-2013
logo
Inchange Semiconductor ...
STP110N10F7 ISC-STP110N10F7 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP110N10F7 DOINGTER-STP110N10F7 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
Very low on-resistance
05-Dec-2014
More results

Similar Description - STP110N55F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
25-Oct-2011
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
N-channel 75 V, 3 mΩ, 120 A TO-220 STripFET™VI DeepGATE??Power MOSFET
02-May-2011
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
17-May-2011
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
12-Aug-2011
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
08-Aug-2012
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
13-Aug-2012
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
Automotive-grade N-channel 60 V, 4.4 mΩ typ., 80 A STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
21-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com