Electronic Components Datasheet Search
  English  ▼

X  

AX101759 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX101759
Description  Modular Connectors - MediaFlex Filler Insert 1-unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101759 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX101759 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101759 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101759 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
Kit of 10 Mdediflex Filler Inserts, 1U, flush, elec.white
Usage (Overall)
Related Parts:
Compatible with MediaFlex Faceplate
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
0.925
2.050
0.410
Materials
Materials:
Description Material
Insert
Plastic - UL940V-0
Color
Color:
Elec. White
Weight
Weight:
0.062 lbs.
Packaging
Packaging:
10 inserts packaged in a suitable plastic bag.
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Tool Compatibility:
Release Tool (AX101185)
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
Yes
Safety Listing:
ACA, Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes - Indoor
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: Visit our web site at http://www.belden.com
Page 1 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101759 Modular Connectors - MediaFlex Filler Insert 1-unit


Similar Part No. - AX101759

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX101759 BELDEN-AX101759 Datasheet
166Kb / 2P
Blank Inserts for MediaFlex
03-04-2023
More results

Similar Description - AX101759

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101758 ETC2-AX101758 Datasheet
98Kb / 3P
Modular Connectors - MediaFlex Filler Insert 1-unit
AX101760 ETC2-AX101760 Datasheet
96Kb / 2P
Modular Connectors - MediaFlex Filler Insert 1-unit
AX101762 ETC2-AX101762 Datasheet
97Kb / 3P
Modular Connectors - MediaFlex Filler Insert 2-unit
AX101878 ETC2-AX101878 Datasheet
100Kb / 3P
Modular Connectors - MediaFlex Multimedia insert 3-port RCA
AX101882 ETC2-AX101882 Datasheet
98Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 1-Port S-Video
AX101883 ETC2-AX101883 Datasheet
99Kb / 3P
Modular Connectors - MediaFlex Multimedia insert 1-Port S-Video
AX101884 ETC2-AX101884 Datasheet
98Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 1-Port S-Video
AX101887 ETC2-AX101887 Datasheet
99Kb / 3P
Modular Connectors - MediaFlex Multimedia insert 1-Port SVGA
AX101888 ETC2-AX101888 Datasheet
98Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 1-Port SVGA
AX101940 ETC2-AX101940 Datasheet
99Kb / 3P
Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com