Electronic Components Datasheet Search
  English  ▼

X  

AX101852 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX101852
Description  Modular Connectors - Termination Station
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101852 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX101852 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101852 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101852 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
Termination Station
Usage (Overall)
Suitable Applications:
Terminate 10GX, CAT6+, Cat5E MDVO and Keyconnect Style Module,
Mediaflex Gigaflex Inserts
Related Parts:
10GX, CAT6+, Cat5E MDVO and Keyconnect Style Module, Mediaflex
Gigaflex Inserts
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
2.500
5.600
7.000
Materials
Materials:
Description
Material
Termination Station Plastic - UL940V-0
Color
Color:
Black
Weight
Weight:
0.100 lbs.
Packaging
Packaging:
Individually packaged in a clear plastic bag, Standard shipping carton of 10
units
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Suitability
Suitability - Indoor:
Yes - Indoor
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: For proper installation refer to Installation Guide PX103206 available on our web site at http://www.belden.com
Product Family
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
AX101852
1 EA
0.333 LB
BLACK
MEDIAFLEX TERMINAISON ST
Revision Number: 0
Revision Date: 06-05-2009
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
Page 1 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101852 Modular Connectors - Termination Station


Similar Part No. - AX101852

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX101823 BELDEN-AX101823 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
AX101824 BELDEN-AX101824 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
AX101825 BELDEN-AX101825 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
AX101826 BELDEN-AX101826 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
AX101827 BELDEN-AX101827 Datasheet
281Kb / 2P
MDVO RCA Faceplate Inserts
03-04-2023
More results

Similar Description - AX101852

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM1R-616B44-35S-150 HIROSE-TM1R-616B44-35S-150 Datasheet
392Kb / 5P
MODULAR CONNECTORS
TM5RC-44 HIROSE-TM5RC-44 Datasheet
889Kb / 7P
MODULAR CONNECTORS
TM13R-44 HIROSE-TM13R-44 Datasheet
54Kb / 1P
MODULAR CONNECTORS
logo
Molex Electronics Ltd.
0623001400 MOLEX11-0623001400 Datasheet
61Kb / 1P
Termination Machine, Modular Plug
logo
Red Lion Controls. Inc
CSMSTRZR REDLION-CSMSTRZR Datasheet
579Kb / 2P
Enhanced Data Station Plus & Modular Controller
logo
Lumberg
253101 LUMBERG-253101 Datasheet
572Kb / 3P
Modular connectors
253301 LUMBERG-253301 Datasheet
527Kb / 3P
Modular connectors
254101 LUMBERG-254101 Datasheet
557Kb / 3P
Modular connectors
P129 LUMBERG-P129 Datasheet
1Mb / 3P
Modular connectors
P133 LUMBERG-P133 Datasheet
769Kb / 3P
Modular connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com