Electronic Components Datasheet Search
  English  ▼

X  

1.5SMC Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # 1.5SMC
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

1.5SMC Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  1.5SMC Datasheet HTML 1Page - PACELEADER INDUSTRIAL 1.5SMC Datasheet HTML 2Page - PACELEADER INDUSTRIAL 1.5SMC Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
Mechanical Data
1.5SMC Series
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage: 6.8 to 600 V
Maximum Ratings
SMC/DO-214AB
Dimensions in inches and (millimeters)
.00(.000)
.008(.20)
.005(.15)
.012(.30)
.305(7.64)
.32(8.02)
.079(1.98)
.103(2.59)
.030(0.75)
.006(1.51)
.26(6.52)
.28(7.02)
.245(5.52)
.245(6.22)
.114(2.86)
.126(3.16)
10/1000 s waveform, repetitive rate(duty
1500 W peak pulse power capability with a
cycle):0.01%
Glass passivated chip
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant
Case Molded plastic
Polarity
lead
UL 94V-0 rate flame retardant
2026
Color band denotes cathode end
Mounting position:
except Bipolar
NOTES
o
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.1
2. Measured on 8.3 ms single half sine-wave or equivalent square wave. duty cycle = 4 pulses per minute maximum
3.V
www.paceleader.tw
Epoxy
Solderable per MIL-STD-750, method
(TA 25
oC unless otherwise noted)
P
<
=
Any
3.5V for devices of V BR < 200V and VF < 5.0V for devices of VBR 201V
Peak Pulse Power: 1500 W
Symbol
Value
Parameter
PPP
I
PP
PD
I
FSM
VF
1500
200
SEE NEXT TABLE
W
Peak power dissipation with a 10/1000 s waveform
Peak Pulse Current with a 10/1000 s waveform
Peak forward surge current, 8. 3ms single half sine-wave
Operating junction and storage temperature range
(1)
(1)
Power dissipation on infinite heatsink at T =75 C
o
L
(2)
Maximum instantaneous forward voltage at 100 A for
(3)
TJ TSTG
6.5
3.5/5.0
A
V
A
W
o
C
UNIT
=
3
unidirectional only
unidirectional only
-55 to +150


Similar Part No. - 1.5SMC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5SMC VISHAY-1.5SMC Datasheet
40Kb / 3P
Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
1.5SMC VISHAY-1.5SMC Datasheet
47Kb / 3P
Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
logo
Littelfuse
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC Datasheet
68Kb / 4P
Surface Mount Transient Voltage Suppressor
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
More results

Similar Description - 1.5SMC

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com