Electronic Components Datasheet Search
  English  ▼

X  

DIP-8 Datasheet(PDF) 6 Page - Texas Instruments

Part # DIP-8
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIP-8 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DIP-8 Datasheet HTML 2Page - Texas Instruments DIP-8 Datasheet HTML 3Page - Texas Instruments DIP-8 Datasheet HTML 4Page - Texas Instruments DIP-8 Datasheet HTML 5Page - Texas Instruments DIP-8 Datasheet HTML 6Page - Texas Instruments DIP-8 Datasheet HTML 7Page - Texas Instruments DIP-8 Datasheet HTML 8Page - Texas Instruments DIP-8 Datasheet HTML 9Page - Texas Instruments DIP-8 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
A
OL, CMRR, PSRR vs TEMPERATURE
Temperature (
_C)
140
130
120
110
100
90
80
130
120
110
100
90
80
70
−75
−50
−25
0
25
50
75
100
125
PSRR
CMRR
A
OL
QUIESCENT AND SHORT−CIRCUIT CURRENT
vs SUPPLY VOLTAGE
Supply Voltage (V)
700
650
600
550
500
450
400
±12
±10
±8
±6
±4
±2
0
2.5
4.0
3.5
3.0
5.5
5.0
4.5
+I
SC
−I
SC
I
Q
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
0.1
0.01
0.001
0.0001
20
100
1k
10k
20k
G= +10, R
L =5kΩ,25kΩ
G= +5, R
L =5kΩ, 25kΩ
R
L =25kΩ
R
L =5kΩ
G= +1
V
O =3VPP
OPA337
OPA338
QUIESCENT CURRENT AND SHORT−CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
_C)
600
550
500
450
400
350
300
12
11
10
9
8
7
6
−75
−50
−25
0
25
50
75
100
125
−I
SC
+I
SC
I
Q
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
6
5
4
3
2
1
0
10k
100k
100M
1M
10M
Maximum output
voltage without slew
rate−induced distortion.
OPA337
OPA338
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
0
±3
±2
±1
±6
±7
±8
±5
±4
125
_C
Sinking
Sourcing
25
_C
V
S = ± 2.5V
R
L Tied to Ground
−55_C
−55_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com