Electronic Components Datasheet Search
  English  ▼

X  

MM5Z10V Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MM5Z10V
Description  SURFACE MOUNT ZENER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM5Z10V Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MM5Z10V Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM5Z10V Datasheet HTML 2Page - PACELEADER INDUSTRIAL MM5Z10V Datasheet HTML 3Page - PACELEADER INDUSTRIAL MM5Z10V Datasheet HTML 4Page - PACELEADER INDUSTRIAL MM5Z10V Datasheet HTML 5Page - PACELEADER INDUSTRIAL MM5Z10V Datasheet HTML 6Page - PACELEADER INDUSTRIAL MM5Z10V Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Device
code
Zener
voltage
Test
current
Zener
impedance
Leakage
current
mA
I
ZT
OHMs
Z
@ I
ZT
ZT
Max.(V)
V @ I
Z
ZT
mA
I
ZK
µA
I
R
Volts
V
R
OHMs
Z
@ I
ZK
ZK
3.9
2.4
4.3
2.7
4.7
3.0
5.1
3.3
5.6
3.6
6.2
6.8
7.5
8.2
9.1
10
11
12
16
18
20
22
24
27
30
33
36
39
43
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
90
100
90
100
80
100
60
95
40
90
10
15
15
15
15
20
20
25
40
45
55
55
70
80
80
80
90
130
150
07 55
00
50
08 56
01
51
09 57
02
52
0A 58
05
53
0C 59
06
54
0E 5A
0F 5B
0G 5C
0H 5D
0K 5E
0L
5F
0M
5G
0N
5H
0U
5L
0W
5M
0Z
5N
10
5P
11 5R
12
5S
14
5T
18
5U
19
5V
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
3
50
3
20
3
10
2
5
1
5
3
2
1
0.7
0.2
0.1
0.1
0.1
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
1.0
1.0
1.0
1.0
2.0
1.0
2.0
2.0
4.0
4.0
1.0
1.0
5.0
5.0
7.0
8.0
8.0
8.0
10.5
11.2
12.6
14.0
15.4
16.8
18.9
21.0
23.2
25.2
27.3
30.1
1000
1000
1000
1000
800
1000
500
1000
200
1000
100
160
160
160
160
160
160
80
80
80
100
100
120
300
300
300
500
500
500
500
Part No.
MM5Z3V9
MM5Z2V4
MM5Z4V3
MM5Z2V7
MM5Z4V7
MM5Z3V0
MM5Z5V1
MM5Z3V3
MM5Z5V6
MM5Z3V6
MM5Z6V2
MM5Z6V8
MM5Z7V5
MM5Z8V2
MM5Z9V1
MM5Z10V
MM5Z11V
MM5Z12V
MM5Z15V
MM5Z16V
MM5Z18V
MM5Z20V
MM5Z22V
MM5Z24V
MM5Z27V
MM5Z30V
MM5Z33V
MM5Z36V
MM5Z39V
MM5Z43V
Nom.(V)
Min.(V)
3.7
2.2
4.0
2.5
4.4
2.8
4.8
3.1
5.2
3.4
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
15.3
16.8
18.8
20.8
22.8
25.1
28.0
31.0
34.0
37.0
40.0
4.1
2.6
4.6
2.9
5.0
3.2
5.4
3.5
6.0
3.8
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
17.1
19.1
21.2
23.3
25.6
28.9
32.0
35.0
38.0
41.0
46.0
o
Electrical characteristics (at T =25 C unless otherwise noted)
A
47
5
170
1.0
0.05
32.9
500
MM5Z47V
44.0
50.0
51
5
180
1.0
0.05
35.7
500
MM5Z51V
48.0
54.0
13
5
30
1.0
0.1
8.0
80
MM5Z13V
12.4
14.1
0P
5J
20
5X
21
5Y
1A
5Z
1C
5–
1D
5=
56
62
5
5
200
215
1.0
1.0
0.05
0.05
39.2
43.4
500
500
MM5Z56V
MM5Z62V
52.0
58.0
60.0
66.0
68
5
240
1.0
0.05
47.6
500
MM5Z68V
64.0
72.0
15
5
30
1.0
0.05
80
MM5Z75V
14.3
15.8
1E
5Ξ
1F
5>
1G
5<
0T
5K
75
70.0
79.0
255
52.5
Vz
(mV/k)
@IZT
C
@VR=0
f=1MHz
pF
Min.
Max.
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-3.5
-2.7
-2.0
0.4
1.2
2.5
3.2
3.8
4.5
5.4
6.0
10.4
12.4
14.4
16.4
18.4
21.4
24.4
27.4
30.4
33.4
37.6
42.0
-2.5
0
0
0
0.2
0
1.2
0
2.5
0
3.7
4.5
5.3
6.2
7.0
8.0
9.0
10
14
16
18
20
22
25.3
29.4
33.4
37.4
41.2
46.6
51.8
450
450
450
450
260
450
225
200
185
155
450
450
140
135
130
130
130
130
110
105
100
85
85
80
70
70
70
70
45
40
46.6
57.2
40
52.2
63.8
40
7.0
11
120
58.8
65.6
71.6
79.8
40
35
73.4
88.6
35
9.2
13
35
Device
date
code
see
page6
Note1
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
MM5Z2V4 thru MM5Z75V
2
www.paceleader.tw



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com