Electronic Components Datasheet Search
  English  ▼

X  

MM5Z12V Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MM5Z12V
Description  SURFACE MOUNT ZENER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM5Z12V Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MM5Z12V Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM5Z12V Datasheet HTML 2Page - PACELEADER INDUSTRIAL MM5Z12V Datasheet HTML 3Page - PACELEADER INDUSTRIAL MM5Z12V Datasheet HTML 4Page - PACELEADER INDUSTRIAL MM5Z12V Datasheet HTML 5Page - PACELEADER INDUSTRIAL MM5Z12V Datasheet HTML 6Page - PACELEADER INDUSTRIAL MM5Z12V Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
FEATURES
MECHANICAL DATA
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
www.paceleader.tw
150mW Surface Mount Zener Diodes - 2.4V-75V
Dimensions in inches and (millimeters)
SOD-523FL
.035(0.90)
.028(0.70)
.002(0.05)
.007(0.20)
.028(0.70)
.028(0.50)
.0098(0.25)
.014(0.35)
.006(0.15)
.0098(0.25)
.043(1.10)
.051(1.30)
.051(1.50)
.067(1.70)
1
2
.
Silicon epitaxial planar chip structure.
Wide zener reverse voltage range 2.40V to 75V.
Tiny package size for high density applications.
Ideally suited for automated assembly processes.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
• Suffix "-H" indicates Halogen-free parts, ex. ΜΜ5Ζ2V4-H.
•
• Case : Molded plastic, SOD-523FL
• Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.002 gram
Epoxy : UL94-V0 rated flame retardant
PARAMETER
CONDITIONS
Symbol
V
F
P
TOT
MIN.
TYP.
MAX.
0.9
150
UNIT
V
mW
Thermal Resistance
Storage temperature
Operating temperature
Junction to the ambient
R
θJA
T
STG
T
J
-55
-65
625
+150
+150
°C/ W
oC
oC
Forward voltage
Power Dissipation
I = 10 mA DC
F
Diode on FR-5 Board
MM5Z2V4 thru MM5Z75V


Similar Part No. - MM5Z12V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z12V EIC-MM5Z12V Datasheet
109Kb / 2P
ZENER DIODES
logo
Weitron Technology
MM5Z12V WEITRON-MM5Z12V Datasheet
439Kb / 3P
Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MM5Z12V FAIRCHILD-MM5Z12V Datasheet
177Kb / 4P
Zener Diodes
logo
SeCoS Halbleitertechnol...
MM5Z12V SECOS-MM5Z12V Datasheet
136Kb / 4P
Surface Mount Zener Diode
logo
Weitron Technology
MM5Z12V WEITRON-MM5Z12V Datasheet
424Kb / 3P
Surface Mount Zener Diodes
More results

Similar Description - MM5Z12V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com