Electronic Components Datasheet Search
  English  ▼

X  

MM5Z20V Datasheet(PDF) 7 Page - PACELEADER INDUSTRIAL

Part # MM5Z20V
Description  SURFACE MOUNT ZENER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM5Z20V Datasheet(HTML) 7 Page - PACELEADER INDUSTRIAL

  MM5Z20V Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM5Z20V Datasheet HTML 2Page - PACELEADER INDUSTRIAL MM5Z20V Datasheet HTML 3Page - PACELEADER INDUSTRIAL MM5Z20V Datasheet HTML 4Page - PACELEADER INDUSTRIAL MM5Z20V Datasheet HTML 5Page - PACELEADER INDUSTRIAL MM5Z20V Datasheet HTML 6Page - PACELEADER INDUSTRIAL MM5Z20V Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Reel packing
COMPONENT
INNER
REEL
CARTON
APPROX.
PACKAGE
REEL SIZE
REEL
SPACING
BOX
BOX
DIA,
SIZE
CARTON
GROSS WEIGHT
(pcs)
(m/m)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(kg)
SOD-523FL
7"
3,000
4.0
30,000 183*183*123
178
240,000
382*262*387
9.5
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
MM5Z2V4 thru MM5Z75V
www.paceleader.tw
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com