Electronic Components Datasheet Search
  English  ▼

X  

MOP03 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # MOP03
Description  REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

MOP03 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  MOP03 Datasheet HTML 1Page - RSG Electronic Components GmbH MOP03 Datasheet HTML 2Page - RSG Electronic Components GmbH MOP03 Datasheet HTML 3Page - RSG Electronic Components GmbH MOP03 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MOP03(W)
Page
of 4
www.pduke.com
2013/7/9
2
Input Range
Output Voltage
Output Current
@ Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
MOP03-24S3P3WA/B
9 ~ 36
3.3
1000
6
82
1050
MOP03-24S05WA/B
9 ~ 36
5
600
6
84.5
750
MOP03-24S12WA/B
9 ~ 36
12
250
6
87
130
MOP03-24S15WA/B
9 ~ 36
15
200
6
87
100
MOP03-24S24WA/B
9 ~ 36
24
125
6
87
39
MOP03-24D05WA/B
9 ~ 36
±5
±300
6
83
± 430
MOP03-24D12WA/B
9 ~ 36
±12
±125
6
87
± 75
MOP03-24D15WA/B
9 ~ 36
±15
±100
6
86
± 56
MOP03-48S3P3WA/B
18 ~ 75
3.3
1000
4
81
1050
MOP03-48S05WA/B
18 ~ 75
5
600
4
83
750
MOP03-48S12WA/B
18 ~ 75
12
250
4
87
130
MOP03-48S15WA/B
18 ~ 75
15
200
4
87
100
MOP03-48S24WA/B
18 ~ 75
24
125
4
86
39
MOP03-48D05WA/B
18 ~ 75
±5
±300
4
83
± 430
MOP03-48D12WA/B
18 ~ 75
±12
±125
4
86
± 75
MOP03-48D15WA/B
18 ~ 75
±15
±100
4
86
± 56
MOP03
-
48
S
05
W
A
-
P
T
Series name
Input Voltage
(VDC)
Output
Quantity
Output Voltage
(VDC)
Input
Range
Pin Connection
Option
Remote On/Off
Option
Trim
Option
05:
12:
24:
48:
4.5~9
9~18
18~36
36~75
S: Single
3P3:
05:
12:
15:
24:
3.3
5V
12
15
24
W:
24:
48:
9~36
18~75
D: Dual
05:
12:
15:
±5
±12
±15
:
W:
2:1
4:1
A: A type(Standard)
B: B type
:
P:
No On/Off control
Remote On/Off
(Only for B type
Pin connection)
:
T:
No Trim
Trim
(Only for B type
Pin connection)
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
5
12
24
48
9
18
36
75
VDC
Operating input voltage range
(W) 4:1
24Vin(nom)
48Vin(nom)
9
18
24
48
36
75
VDC
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
VDC
Start-up voltage
(W) 4:1
24Vin(nom)
48 Vin(nom)
9
18
VDC
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4
8
16
33
VDC
Shutdown voltage
(W) 4:1
24Vin(nom)
48Vin(nom)
8
16
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
30
30
ms
3 second, max.
2:1
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
16
25
50
100
VDC
Input surge voltage
3 second, max.
(W) 4:1
24Vin(nom)
48Vin(nom)
50
100
VDC
Input filter
Pi type
Referenced to - INPUT pin
DC-DC ON
DC-DC OFF
OPEN or 0 ~ 1.2VDC
2.2 ~ 12VDC
Remote ON/OFF
(Only for B-type Pin connection option)
Input current of CTRL pin
-0.5
1
mA
Remote off input current
2.5
mA
PART NUMBER STRUCTURE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com