Electronic Components Datasheet Search
  English  ▼

X  

PDL06 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # PDL06
Description  SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL06 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  PDL06 Datasheet HTML 1Page - RSG Electronic Components GmbH PDL06 Datasheet HTML 2Page - RSG Electronic Components GmbH PDL06 Datasheet HTML 3Page - RSG Electronic Components GmbH PDL06 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PDL06
Page 2 of 4
www.pduke.com
2013/04/19
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
Standard Type
Suffix ”H”
Suffix ”M”
-40
-40
-40
+65
+65
+70
℃
℃
℃
Storage temperature range
Standard Type
-55
+125
℃
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (1)
EN55022
Class A, ClassB
ESD
EN61000-4-2
Air ± 8kV
Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
± 1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
The PDL06 series standard module meets EMI Class A or Class B and input reflected ripple current only with external components.
For more detail information, please contact with P-DUKE.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: 5 VDC input : Nippon chemi-con KY series, 330µF/50V.
Others : Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
PDL06-48S05 Derating Curve
PDL06-48S05-M Derating Curve
PDL06-48S05 Efficiency VS Input Voltage
PDL06-48S05 Efficiency VS Output Load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com