Electronic Components Datasheet Search
  English  ▼

X  

PDS03 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PDS03
Description  3 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDS03 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PDS03 Datasheet HTML 1Page - RSG Electronic Components GmbH PDS03 Datasheet HTML 2Page - RSG Electronic Components GmbH PDS03 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
PDS(H)03 SERIES
3 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 ~ 9VDC
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
Input filter
Capacitor type
Input surge voltage
5V input
12V input
24V input
48V input
15VDC 1sec, max.
25VDC 1sec, max.
50VDC 1sec, max.
100VDC 1sec, max.
Input reflected ripple
current(Note 6)
5V input
12V input
24V input
48V input
80mAp-p
40mAp-p
30mAp-p
20mAp-p
Start up time
Nominal input and
constant resistive load
Power up
Remote ON/OFF
5ms
5ms
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or high impedance
Control pin applied current
2 ~ 4mA max(via 1k
Ω)
Remote off state input current
Nominal input
2.5mA, max.
Application circuit:
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +71ºC (without derating)
+71ºC ~ +85ºC (with derating)
Storage temperature range
-55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity(non-condensing)
5% to 90% RH
Lead-free reflow solder process
IPC J-STD-020D
Moisture sensitivity level(MSL)
IPC J-STD-033B
Level 2a
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
No load to Full load
Single
Dual
±1.0%
±1.0%
Load regulation
10% load to 90% load
Single
Dual
±0.5%
±0.8%
Cross regulation (Dual) Asymmetrical load 25%/100% FL
±5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time
25% load step change
250µs
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Standard
Suffix ”H”
1600VDC, min.1 minute
3000VDC, min.1 minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
Standard
Suffix ”H”
50pF, max.
50pF, max.
Switching frequency
100kHz, min.
Design meets safety standard
IEC60950-1, UL60950-1, EN60950-1
Dimensions
0.74 x 0.50 x 0.33 Inch
(18.9 X 12.8 X 8.4 mm)
Weight
4.5g(0.16oz)
MTBF(Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
4.386 x 10
6 hrs
2.401 x 10
6 hrs
EMC CHARACTERISTICS
EMI (Note 6)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 7) EN61000-4-4
± 2kV Perf. Criteria A
Surge (Note 7)
EN61000-4-5
± 1kV Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
• 3 WATTS MAXIMUM OUTPUT POWER
• SMD AND DIP PACKAGE, 0.74 x 0.50 x 0.33 INCH
• SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS
ACCORDING IPC J-STD-020D
• 2:1 WIDE INPUT VOLTAGE RANGE
• HIGH EFFICIENCY UP TO 83%
• 1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
• LOW RIPPLE & NOISE
• EXTERNAL ON/OFF CONTROL
• SWITCHING FREQUENCY (100kHz, MIN)
• CONTINUOUS SHORT CIRCUIT PROTECTION
• UL94-V0 PACKAGE MATERIALS
• CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
• SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
• COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
3000VDC ISOLATION
DESCRIPTION
The PDS03(SMD type), PDH03(DIP type) offer 3 watts of output power from a 0.74 x 0.50
x 0.33 inch package without derating to 71ºC. The PDS(H)03 series have 2:1 wide input
voltage of 4.5~9, 9~18, 18~36 and 36~75VDC and features 3000VDC of isolation,
short-circuit protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - PDS03

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03W P-DUKE-PDS03W_14 Datasheet
603Kb / 4P
DC-DC CONVERTER
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
PDS03 P-DUKE-PDS03_14 Datasheet
604Kb / 4P
DC-DC CONVERTER
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - PDS03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
3 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
3 WATTS DC-DC CONVERTER
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
3 WATTS DC-DC CONVERTER
PMKC03 RSG-PMKC03 Datasheet
245Kb / 3P
3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com