Electronic Components Datasheet Search
  English  ▼

X  

AP384XG Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP384XG Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP384XG Datasheet HTML 3Page - Diodes Incorporated AP384XG Datasheet HTML 4Page - Diodes Incorporated AP384XG Datasheet HTML 5Page - Diodes Incorporated AP384XG Datasheet HTML 6Page - Diodes Incorporated AP384XG Datasheet HTML 7Page - Diodes Incorporated AP384XG Datasheet HTML 8Page - Diodes Incorporated AP384XG Datasheet HTML 9Page - Diodes Incorporated AP384XG Datasheet HTML 10Page - Diodes Incorporated AP384XG Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Data Sheet
7
Jul. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Figure 4. Basic Test Circuit
Figure 4 is the basic test circuit for AP384XG. In testing, the high peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing and bypass capacitors should be connected close to pin 5 in a
single point ground. The transistor and 5k potentiometer are used to sample the oscillator waveform and apply an
adjustable ramp to pin 3.
Electrical Characteristics (Continued)
1
2
8
7
AP3842G
3
45
6
REF
VCC
OUTPUT
GND
R
T/CT
CS
FB
COMP
V
REF
V
CC
OUTPUT
GND
1K
1W
C
T
5k
I
SENSE
ADJUST
1k
ERROR AMP
ADJUST
4.7k
100k
2N2222
4.7k
R
T
0.1
μF
0.1
μF
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com