Electronic Components Datasheet Search
  English  ▼

X  

AM4967 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AM4967
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4967 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AM4967 Datasheet HTML 7Page - Diodes Incorporated AM4967 Datasheet HTML 8Page - Diodes Incorporated AM4967 Datasheet HTML 9Page - Diodes Incorporated AM4967 Datasheet HTML 10Page - Diodes Incorporated AM4967 Datasheet HTML 11Page - Diodes Incorporated AM4967 Datasheet HTML 12Page - Diodes Incorporated AM4967 Datasheet HTML 13Page - Diodes Incorporated AM4967 Datasheet HTML 14Page - Diodes Incorporated AM4967 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Data Sheet
12
Oct. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Operating Diagram (Continued)
Figure 12. Operating Diagram 4 of AM4967 (Note 4)
Note 4: The inclination of LS voltage is adjusted between VLS and VREF according to the capacitance which is recommended
to be 0.1
µF to 1.0µF.
LS Voltage
VMIN Voltage
0V
Lock Protection
Linear
Start
VMIN Setting Speed
3.0V
1.0V
ON-Duty
VPWM Voltage
100%
0%
COSC
RD
High Level
Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com