Electronic Components Datasheet Search
  English  ▼

X  

AM4964 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AM4964
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AM4964 Datasheet HTML 11Page - Diodes Incorporated AM4964 Datasheet HTML 12Page - Diodes Incorporated AM4964 Datasheet HTML 13Page - Diodes Incorporated AM4964 Datasheet HTML 14Page - Diodes Incorporated AM4964 Datasheet HTML 15Page - Diodes Incorporated AM4964 Datasheet HTML 16Page - Diodes Incorporated AM4964 Datasheet HTML 17Page - Diodes Incorporated AM4964 Datasheet HTML 18Page - Diodes Incorporated AM4964 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
15 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
Applications Note (cont.)
Power Supply Stabilization
The recommended operating voltage range for AM4964 is 3.5V to 16V. A decoupling capacitor C1 (which also acts as re-circulating capacitor at
commutation) should be connected close to the VCC pin. C1 is for power stabilization and should be 1
μF or higher depending on the motor
current and motor design.
Hall Bias and Hall Input for Commutation Signal
The HB pin provides a 1.25V Hall bias voltage to drive Hall element. The output of the Hall elements or the Hall switches is connected to Hall
input IN+ and IN- pin as described previously in functional description section. To avoid noise, the connection to the Hall element or switch
should be as short as possible. The Hall input stage (IN+ and IN- pin) has a hysteresis of 20mV typical. The differential Hall input signal should
be 50mV peak or higher.
Speed Control
The motor speed is governed by the output PWM duty of the H Bridge.
Speed Control
The motor speed is governed by the output PWM duty of the H Bridge.
The voltage on the CF, VMIN pin and the internal triangle wave voltage controls the output PWM duty and therefore the speed of the motor.
When the CF voltage is smaller than VMIN voltage, the output PWM duty is generated by comparing the triangular voltage with CF. If the CF pin
voltage is higher than the VMIN pin, the speed is controlled by comparing the triangular voltage with VMIN voltage. When the PWM voltage is
lower than the low side of the triangular voltage
, the motor will run at full speed. See “Speed Control and Minimum Speed Setting” figure.
An input DC voltage from 3.6V to 1.9V (for 12V supply) on the CF pin controls the output PWM duty from 0% to 100% thus allowing speed
control from 0% to 100% of the full speed. The DC voltage of CF can be adjusted by PWM input signal duty and the ambient temperature
sensed by the thermistor (resistive sensor) connected to RT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com