Electronic Components Datasheet Search
  English  ▼

X  

AM4961A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AM4961A
Description  SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961A Datasheet(HTML) 2 Page - Diodes Incorporated

  AM4961A Datasheet HTML 1Page - Diodes Incorporated AM4961A Datasheet HTML 2Page - Diodes Incorporated AM4961A Datasheet HTML 3Page - Diodes Incorporated AM4961A Datasheet HTML 4Page - Diodes Incorporated AM4961A Datasheet HTML 5Page - Diodes Incorporated AM4961A Datasheet HTML 6Page - Diodes Incorporated AM4961A Datasheet HTML 7Page - Diodes Incorporated AM4961A Datasheet HTML 8Page - Diodes Incorporated AM4961A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AM4961A
Document number: DS36626 Rev. 1 - 2
2 of 17
www.diodes.com
October 2013
© Diodes Incorporated
AM4961A
A Product Line of
Diodes Incorporated
Typical Applications Circuit
OUT2
OUT1
VCC
GND
VMIN
CT
VPWM
VREF
COSC
HIN-
FG
HB
RD
HIN+
Hall
AM4961A
D1
C1
1
µF or greater
R1
27k
R2
10k
R4
39k
R6 330k
R7
100k
R5
100k
PWM
VCC
L1
R3 7.5k
R8
68k
C2
0.33
µF
C3
100pF
C4
0.47
µF
1 (1)
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
PGND
(16)
Q1
Typical Application Circuit with an External Input PWM Speed Control Signal
Note:
4. C1 is for power stabilization and should be 1µF or higher depending on the motor current and motor design.
Pin Descriptions
Package: HTSSOP-14 and SSOP16
Pin Number
Pin Name
Function
HTSSOP-14
SSOP-16
1
1
OUT2
Drive output 2
–
2
NC
No connection
2
3
VCC
Power supply
3
4
VMIN
Minimum duty setting
4
5
VPWM
Adjustable input
5
6
COSC
Oscillator capacitor
6
7
FG
Rotation speed indicator
7
8
RD
Rotation/lock state indicator
8
9
HIN+
Hall sensor input+
9
10
HB
Hall sensor bias regulator
10
11
HIN-
Hall sensor input-
11
12
VREF
Reference voltage regulator
12
13
CT
Lock and rotation setting capacitor terminal
13
14
GND
Ground for control circuit
14
15
OUT1
Drive output 1
–
16
PGND
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com