Electronic Components Datasheet Search
  English  ▼

X  

AM4961 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AM4961
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AM4961 Datasheet HTML 2Page - Diodes Incorporated AM4961 Datasheet HTML 3Page - Diodes Incorporated AM4961 Datasheet HTML 4Page - Diodes Incorporated AM4961 Datasheet HTML 5Page - Diodes Incorporated AM4961 Datasheet HTML 6Page - Diodes Incorporated AM4961 Datasheet HTML 7Page - Diodes Incorporated AM4961 Datasheet HTML 8Page - Diodes Incorporated AM4961 Datasheet HTML 9Page - Diodes Incorporated AM4961 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Data Sheet
6
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Output Current
IOUT
1.0
A
Output Voltage
VOUT
18
V
HB Output Current
IHB
10
mA
VPWM Input Voltage
VPWM
6V
RD Output Voltage
VRD
18
V
FG Output Voltage
VFG
18
V
RD Output Current
IRD
10
mA
FG Output Current
IFG
10
mA
Power Dissipation (Note 3)
PD
SSOP-16
0.8
W
HTSSOP-14
1.1
W
Storage Temperature Range
TSTG
-55 to 150
oC
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
250
V
Note 2: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 3: TA=25oC, no external heatsink.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
12
16
V
Hall Input Voltage + (Note 4)
VIN+
0.2
3
V
Hall Input Voltage - (Note 4)
VIN-
0.2
3
V
Ambient Temperature
TA
-30
90
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 2)
Note 4: Hall input voltage range includes the amplitude of signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com