Electronic Components Datasheet Search
  English  ▼

X  

AM4951 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AM4951
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4951 Datasheet(HTML) 1 Page - Diodes Incorporated

  AM4951 Datasheet HTML 1Page - Diodes Incorporated AM4951 Datasheet HTML 2Page - Diodes Incorporated AM4951 Datasheet HTML 3Page - Diodes Incorporated AM4951 Datasheet HTML 4Page - Diodes Incorporated AM4951 Datasheet HTML 5Page - Diodes Incorporated AM4951 Datasheet HTML 6Page - Diodes Incorporated AM4951 Datasheet HTML 7Page - Diodes Incorporated AM4951 Datasheet HTML 8Page - Diodes Incorporated AM4951 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951/R/2
Apr. 2012
Rev. 1. 4
BCD Semiconductor Manufacturing Limited
1
General Description
The AM4951/R/2 series is a single-phase BTL output
fan motor driver designed by bipolar process. This IC
features high efficiency, silent operation and includes
lock shutdown and automatic restart functions. When
the
motor
is
under
lock
condition,
the
lock
shutdown function turns off the output current. When
the
lock condition
is
removed,
the
IC
will
restart automatically and allow DC fan to run. It is
applied for high reliability and low noise application,
such as personal computers, notebook, car audio,
CPU
cooling
systems
and
power
supplies
in
consumer electronics systems.
The AM4951/R series is available in MSOP-8 (12V
application only) or PSOP-8 (24V application only)
package. The AM4952 is available in MSOP-10
package.
Features
•
BTL Output Single-phase Full-wave Linear
Drive (Gain Resistor=1k to 360k
Ω, Gain=51dB)
•
Support Low-voltage Drive and Feature a Wide
Usable Voltage Range (2.2V to 24V)
•
Low Saturation Output (High Side and Low Side
Saturation Voltage): VSAT_TOTAL=1.2V (typical,
IOUT=200mA)
•
Built-in Lock Protection and Automatic Restart
Circuits
•
Built-in FG/RD Output
•
Built-in Hall Sensor Bias (AM4952 Only,
VHB=1.5V)
•
Thermal Protection Circuit
•
Small-sized, High Thermal Capacity Package
•
FG Output (AM4951), RD Output (AM4951R),
FG and RD Output (AM4952)
Applications
•
Notebook, Personal Computers
•
Power Supplies in Consumer Electronics, Car
Audio and Office Peripherals
•
CPU Cooling Systems
MSOP-8
PSOP-8
MSOP-10
Figure 1. Package Types of AM4951/R/2


Similar Part No. - AM4951

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MMTR-G1 BCDSEMI-AM4951MMTR-G1 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MMTR-G1 BCDSEMI-AM4951MMTR-G1 Datasheet
404Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Similar Description - AM4951

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com