Electronic Components Datasheet Search
  English  ▼

X  

AL8806Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL8806Q
Description  HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AL8806Q Datasheet HTML 1Page - Diodes Incorporated AL8806Q Datasheet HTML 2Page - Diodes Incorporated AL8806Q Datasheet HTML 3Page - Diodes Incorporated AL8806Q Datasheet HTML 4Page - Diodes Incorporated AL8806Q Datasheet HTML 5Page - Diodes Incorporated AL8806Q Datasheet HTML 6Page - Diodes Incorporated AL8806Q Datasheet HTML 7Page - Diodes Incorporated AL8806Q Datasheet HTML 8Page - Diodes Incorporated AL8806Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AL8806Q
Document number: DS36905 Rev. 1 - 2
1 of 13
www.diodes.com
April 2014
© Diodes Incorporated
AL8806Q
HIGH EFFICIENCY 30V 1.6A
AUTOMOTIVE GRADE BUCK LED DRIVER
Description
The AL8806Q is a step-down DC/DC converter designed to drive LEDs
with a constant current. The device can drive up to 8 LEDs, depending
on the forward voltage of the LEDs, in series from a voltage source of
6V to 30V. The AL8806Q switches at frequencies up to 1MHz. This
allows the use of small size external components, hence minimizing
the PCB area needed.
Maximum output current of AL8806Q is set via an external resistor
connected between the VIN and SET input pins. Dimming is achieved
by applying either a DC voltage or a PWM signal at the CTRL input
pin. An input voltage of 0.4V or lower at CTRL switches off the output
MOSFET simplifying PWM dimming.
The AL8806Q has been qualified to AEC-Q100 Grade 1 and is
Automotive Grade supporting PPAPs
Features
•
LED driving current up to 1.5A
•
Better than 5% accuracy
•
High efficiency up to 98%
•
Optimally controlled switching speeds
•
Operating input voltage from 6V to 30V
•
PWM/DC input for dimming control
•
Built-in output open-circuit protection
•
Automotive Grade with AEC-Q100 Qualification
•
MSOP-8EP: Available in “Green” Molding Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
•
Automotive Grade
Qualified to AEC-Q100 Standards for High Reliability
PPAP Capable (Note 4)
Pin Assignments
Applications
•
Automotive LED Lamps
•
Multi-Die LED Driver
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q100 qualified and are PPAP capable. Automotive, AEC-Q100 and standard products are electrically and thermally the same,
except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
Typical Applications Circuit


Similar Part No. - AL8806Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
AL8806 DIODES-AL8806 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
AL8806EV4 DIODES-AL8806EV4 Datasheet
1Mb / 12P
9V to 30V DC input (with 2 LEDs)
JULY 2011
AL8806EV6 DIODES-AL8806EV6 Datasheet
418Kb / 8P
12VDC and 12VAC input
JUNE 2011
AL8806MP8-13 DIODES-AL8806MP8-13 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
More results

Similar Description - AL8806Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
logo
ON Semiconductor
NCV78713 ONSEMI-NCV78713 Datasheet
284Kb / 31P
High Efficiency Buck Single LED Driver
November, 2015 ??Rev. 1
logo
Diodes Incorporated
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
Rev 1
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
AUTOMOTIVE GRADE 30V 1A LED DRIVER
Rev 1
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
High Efficiency 1.2MHz 30V BOOST LED Driver
logo
Diodes Incorporated
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com