Electronic Components Datasheet Search
  English  ▼

X  

AH1902 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1902
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1902 Datasheet HTML 1Page - Diodes Incorporated AH1902 Datasheet HTML 2Page - Diodes Incorporated AH1902 Datasheet HTML 3Page - Diodes Incorporated AH1902 Datasheet HTML 4Page - Diodes Incorporated AH1902 Datasheet HTML 5Page - Diodes Incorporated AH1902 Datasheet HTML 6Page - Diodes Incorporated AH1902 Datasheet HTML 7Page - Diodes Incorporated AH1902 Datasheet HTML 8Page - Diodes Incorporated AH1902 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AH1902
Document number: DS36533 Rev. 2 - 2
2 of 10
www.diodes.com
January 2014
© Diodes Incorporated
AH1902
Pin Descriptions
Package: X1-DFN1216-4
Pin Number
Pin Name
Function
1
OUTPUT
Output Pin
2
GND
Ground Pin
3
NC
No Connection (Note 5)
4
VDD
Power Supply Input
Pad
Pad
The center exposed pad - It is internally connected to VDD pin and should not
be connected to GND or any other signal on the PCB. The exposed pad
should be left open (unconnected) on the PCB layout.
Package: X2-DFN2015-6
Pin Number
Pin Name
Function
1
OUTPUT
Output Pin
2
NC
No Connection (Note 5)
3
NC
No Connection (Note 5)
4
GND
Ground Pin
5
NC
No Connection (Note 5)
6
VDD
Power Supply Input
Pad
Pad
The center exposed pad – No connection internally.
The exposed pad can be left open (unconnected) or tied to the GND on the
PCB layout.
Note:
5. NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com