Electronic Components Datasheet Search
  English  ▼

X  

AH1895 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1895
Description  MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1895 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1895 Datasheet HTML 1Page - Diodes Incorporated AH1895 Datasheet HTML 2Page - Diodes Incorporated AH1895 Datasheet HTML 3Page - Diodes Incorporated AH1895 Datasheet HTML 4Page - Diodes Incorporated AH1895 Datasheet HTML 5Page - Diodes Incorporated AH1895 Datasheet HTML 6Page - Diodes Incorporated AH1895 Datasheet HTML 7Page - Diodes Incorporated AH1895 Datasheet HTML 8Page - Diodes Incorporated AH1895 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AH1895
Document number: DS35742 Rev. 1 - 2
3 of 10
www.diodes.com
July 2013
© Diodes Incorporated
AH1895
Absolute Maximum Ratings (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Note 7)
6
V
VDD_REV
Reverse Supply Voltage
-0.3
V
IOUTPUT
Output Current (source and sink)
3.5
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
X1-DFN1216-4
230
mW
SOT553
230
mW
Ts
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
ESD HBM
Human Body Model (HMB) ESD capability
8
kV
Notes:
6. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 6V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.6V to 3.6V
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (@TA = +25°C, V
DD = 1.85V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output Low Voltage (on)
IOUT = 1mA
—
0.1
0.2
V
VOH
Output High Voltage (off)
IOUT = -1mA
VDD -0.2
VDD -0.1
—
V
Ioff
Output Leakage Current
VOUT = 3.6V, Output off
—
<
0.1
1
µA
IDD(awake)
Supply Current
During ‘awake’ period,
TA = +25°C, VDD = 3V
—
2.1
—
mA
IDD(sleep)
During ‘sleep’ period,
TA = +25°C, VDD = 3V
—
2.5
—
mA
IDD(avg)
Average Supply Current
TA = +25°C, VDD = 1.85V
—
4.3
8
µA
TA = +25°C, VDD = 3.6V
—
7.2
13
µA
Tawake
Awake Time
(Note 8)
—
50
100
µs
Tperiod
Period
(Note 8)
—
50
100
ms
D.C.
Duty Cycle
—
0.1
—
%
Note:
8. When power is initially turned on, the operating VDD (1.6V to 3.6V) must be applied to guaranteed the output sampling.
The output state is valid after the second operating cycle (typical 100ms).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com