Electronic Components Datasheet Search
  English  ▼

X  

AH211 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH211
Description  TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH211 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH211 Datasheet HTML 1Page - Diodes Incorporated AH211 Datasheet HTML 2Page - Diodes Incorporated AH211 Datasheet HTML 3Page - Diodes Incorporated AH211 Datasheet HTML 4Page - Diodes Incorporated AH211 Datasheet HTML 5Page - Diodes Incorporated AH211 Datasheet HTML 6Page - Diodes Incorporated AH211 Datasheet HTML 7Page - Diodes Incorporated AH211 Datasheet HTML 8Page - Diodes Incorporated AH211 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211
4
Feb. 2010 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
20
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
400
mA
Hold
600
mA
Peak (Start up)
800
mA
FG Voltage
VFG
30
V
FG Current
IFG
20
mA
Power Dissipation
PD
550
mW
Thermal Resistance
Die to Atmosphere
θJA
227
oC/W
Die to Package Case
θJC
49
oC/W
Storage Temperature
TSTG
-50 to 150
oC
ESD (Machine Model)
600
V
ESD (Human Body Model)
6000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. "Absolute Maximum Ratings" for extended period may affect
device reliability.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.5
16
V
Ambient Temperature
TA
-20
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)
(TA=25oC)
(TA=25oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com