Electronic Components Datasheet Search
  English  ▼

X  

AH49H Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH49H
Description  LINEAR HALL EFFECT IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49H Datasheet(HTML) 4 Page - Diodes Incorporated

  AH49H Datasheet HTML 1Page - Diodes Incorporated AH49H Datasheet HTML 2Page - Diodes Incorporated AH49H Datasheet HTML 3Page - Diodes Incorporated AH49H Datasheet HTML 4Page - Diodes Incorporated AH49H Datasheet HTML 5Page - Diodes Incorporated AH49H Datasheet HTML 6Page - Diodes Incorporated AH49H Datasheet HTML 7Page - Diodes Incorporated AH49H Datasheet HTML 8Page - Diodes Incorporated AH49H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
LINEAR HALL EFFECT IC
AH49H
Jun. 2013
Rev. 1.2
BCD Semiconductor Manufacturing Limited
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
10
V
Instantaneous Supply Voltage
VCC_INST
50
V
Power Dissipation
TO-92S-3
PD
400
mW
SOT-23-3
230
Ambient Temperature
TA
-40 to 125
°C
Storage Temperature
TSTG
-50 to 150
°C
ESD (Human Body Model)
6000
V
ESD (Machine Mode)
400
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (TA=25°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3
8
V
Operating Temperature
TOP
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com